Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1376386-4 Datasheet(PDF) 32 Page - Tyco Electronics

Part # 3-1376386-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376386-4 Datasheet(HTML) 32 Page - Tyco Electronics

Back Button 3-1376386-4 Datasheet HTML 28Page - Tyco Electronics 3-1376386-4 Datasheet HTML 29Page - Tyco Electronics 3-1376386-4 Datasheet HTML 30Page - Tyco Electronics 3-1376386-4 Datasheet HTML 31Page - Tyco Electronics 3-1376386-4 Datasheet HTML 32Page - Tyco Electronics 3-1376386-4 Datasheet HTML 33Page - Tyco Electronics 3-1376386-4 Datasheet HTML 34Page - Tyco Electronics 3-1376386-4 Datasheet HTML 35Page - Tyco Electronics 3-1376386-4 Datasheet HTML 36Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 98 page
background image
166
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
.140 MATE-N-LOK Connectors (Large Insulation), .240 Centerline (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Socket Housing (Plug)
Part No. 1-480585-0
Socket Housing (Plug)
Part No. 1-480510-0
Pin Housing (Cap)
Part No. 1-480586-0
Pin Housing (Cap)
Part No. 1-480512-0
Part No. 794700-1 (Black Color High Temp.)
Contacts
Pin diameter .140 [3.57]
Stock thickness .014 [.357]
Related Product Data
Product Specification
108-1032
.140 Diameter
MATE-N-LOK Connectors
Application Specification
114-1007
.140 Diameter
MATE-N-LOK Contacts
Performance Characteristics—
page 159
Keying Plug— none
Housings— pages 166-167
Technical Documents— pages 165
and 205-206
Application Tooling— pages 207-210
Housings
Free-Hanging
.240 [6.09] Centerline spacing
Material
Nylon, natural color
Flammability Rating — UL94V-2
Cavity Identification
(Rear View)
Pin
Cap
Cap
Plug
Plug
Socket
9 Circuit, Matrix
4 Circuit
Wire Size
Ins. Dia.
Contact Part Numbers
HDM
Hand Tool
Range
Range
Material & Finish
Pin
Socket
Applicator
Part No.
AWG [mm2]
Strip Form Loose Piece
Strip Form
Loose Piece
Part No.
20-14
.100-.180
Brass. pre-tin
61627-1
350389-1
61626-1
350388-1
567306-1
567306-2
90247-1
[.5-2.0]
2.54-4.5 Phos. Brz., pre-tin 61627-2
61626-2
567306-3
14-10
.100-.180
Brass. pre-tin
350201-1
350391-1
350200-1
350390-1
567309-1
567309-2
69710-12
[2.0-5.0] 2.54-4.5 Phos. Brz., pre-tin 350201-2 350391-2
350200-2
350390-2
567309-3
1
HDM Applicator part number ending in -1 is used on AMPOMATOR CLS Machine with T or G Terminators, -2 is used
on AMP-O-LECTRIC Model K Machine, -3 is used on AMP-O-LECTRIC Model G Machine. See pages 207-210 for
further information.
2
Hand Tool No. 69710-1 uses die set No. 58374-1 for 14-12 AWG and No. 58373-1 for 10 AWG.
.995
[25.27]
1.130
[28.70]
1.065
[27.05]
.865
[21.97]
1.130
[28.70]
.755
[19.17]
.755
[19.17]
.755
[19.17]
.845
[21.46]
.845
[21.46]
.240
[6.09]
.240
[6.09]
.240
[6.09]
.240
[6.09]
1.180
[29.97]
.775
[19.68]
.580
[14.73]
.950
[24.13]
.950
[24.13]
1.350
[34.29]
.565
[14.35]
.795
[20.19]
Note: All part numbers are RoHS Compliant.
Contact Extraction Tool
Part No. 318845-1
IS 408-4378


Similar Part No. - 3-1376386-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376386-4 MACOM-3-1376386-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376386-4 MACOM-3-1376386-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376386-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com