Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1376386-4 Datasheet(PDF) 17 Page - Tyco Electronics

Part # 3-1376386-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376386-4 Datasheet(HTML) 17 Page - Tyco Electronics

Back Button 3-1376386-4 Datasheet HTML 13Page - Tyco Electronics 3-1376386-4 Datasheet HTML 14Page - Tyco Electronics 3-1376386-4 Datasheet HTML 15Page - Tyco Electronics 3-1376386-4 Datasheet HTML 16Page - Tyco Electronics 3-1376386-4 Datasheet HTML 17Page - Tyco Electronics 3-1376386-4 Datasheet HTML 18Page - Tyco Electronics 3-1376386-4 Datasheet HTML 19Page - Tyco Electronics 3-1376386-4 Datasheet HTML 20Page - Tyco Electronics 3-1376386-4 Datasheet HTML 21Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 98 page
background image
151
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Commercial MATE-N-LOK Connectors
AMP
Soft Shell
Pin and Socket Connectors
Performance Characteristics
The Commercial MATE-N-LOK
Connector performance characteristics
found on pages 151-152 are based on
free-hanging and panel mount connec-
tors, loaded with contacts crimped on
stranded wire.
Dielectric Withstanding Voltage—
1.5 KVAC between adjacent circuits
Insulation Resistance—
500 megohms minimum initial between
adjacent circuits
Voltage Rating—250 V AC or DC
Connector Mating—
4 lb. max. per circuit
Connector Unmating—
0.7 lb. min. per circuit
Contact Retention—15 lb. min.
per contact
Durability—50 cycles, mating and
unmating
Product Facts
I
Fully polarized nylon
housings
I
Easy cavity identification
I
Locking devices are integral
part of design. Connector
halves will hold together
under severe conditions of
vibration and shock
I
Built-in contact stabilization
and self-aligning features
I
Hot side egg-crate design
for safety
I
Precision molded to exact-
ing tolerances
I
Contacts accept a wire
size range of 30-14 AWG
[.05-2.0 mm2]
I
Keying plug available
I
“Clean” design contact —
no sharp projections to
impede insertion or damage
housings
I
Low insertion/extraction
forces
I
Contacts available in pre-tin
or gold over nickel plated to
fit the application require-
ments
I
Wire-to-PC Board capability
using pin or socket headers
I
Solderability—Headers meet
MIL-STD 202 method 208
I
Four circuit PC Board-to-PC
Board capability available
by mating vertical socket
header with either vertical,
right-angle or surface mount
pin header
I
Four circuit insulation dis-
placement connector (IDC)
available
I
Ultraviolet (UV) stable
housings available in 1, 2
and 3 circuit
I
Not for interrupting current
I
Recognized under the
Component
Program of
Underwriters Laboratories
Inc., File No. E28476
I
Certified by
Canadian Standards
Association,
File No. LR 7189A
R
R
Technical Documents
Product Specifications
108-1000
Commercial MATE-N-LOK
Connectors
108-1077
Commercial MATE-N-LOK
PC Board Headers
108-49000 IDC Connectors
Application Specifications
114-1012
Commercial MATE-N-LOK
Contacts
114-49001 IDC Connectors
Instruction Sheets
408-7209, 408-7166, 408-7200,
408-7201, 408-7215, 408-3186,
408-7300


Similar Part No. - 3-1376386-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376386-4 MACOM-3-1376386-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376386-4 MACOM-3-1376386-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376386-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com