Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


3-1376386-4 Datasheet(PDF) 11 Page - Tyco Electronics

Part No. 3-1376386-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 11 page
background image
145
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
.093 [2.36] Commercial Pin and Socket Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Contacts
Pin Diameter .093 [2.36]
Material
.010 [0.25] Stock Thickness
Pin and socket contacts can be used in
either plug or receptacle housings.
Related Product Data
Product Specification — 108-1038
Application Specification
114-49000
Performance Characteristics—
pages 143-144
Housings
.198 [5.03] Centerline—pages 146-147
.250 [6.35] Centerline—pages 148-149
Panel Cutouts
.198 [5.03] Centerline Housings—
page 147
.250 [6.35] Centerline Housings—
page 148
Technical Documents—pages 143
and 205-206
Application Tooling—pages 207-210
Pin
Socket
Pin
Part No. 770385-1
Socket
Part No. 770383-1
Contact Insertion Tool
(For Pins and Sockets)
Part No. 91002-1
IS 408-7347
Contact Part Numbers
HDM
Wire Size
Ins. Dia.
Material
Pin
Socket
Applicator Hand Tool
AWG
mm2
& Finish
Part
Part No.
Strip Form
Loose Piece
Strip Form
Loose Piece
No.
Brass,
Pre-tin
350418-1
770147-1
350417-1
770146-1
466656-15
24–18
0.2–0.9
.110
Brass,
2.79
Gold2
——
350417-32 770146-32 466656-25 90872-1
Brass
Select Gold1
350418-51 770147-51 350417-51 770146-51
466656-35
Brass,
Pre-tin
350416-1
770145-1
350415-1
770144-1
466878-15
.140
Brass,
3.56
Select Gold1
350416-51 770145-51 350415-51 770144-51 466878-25 90871-1
20–14
0.6–2
Phos. Brz.,
Pre-tin
——
350415-6
770144-6
466878-35
.180
Brass,
567337-36
770530-14
770529-14
567337-46
4.57
Pre-tin
567337-66
18–14
0.8–2
.180
Brass,
567273-27
or
or
4.57
Pre-tin
770385-13
——
22
(per
Phos. Brz.,
567273-37
(18)
(0.8–0.9)
wire)
Pre-tin
——
770383-13
567273-47
1
Select Gold— .000030 [.000762] min gold in mating area over .000050 [.00127] min nickel.
2
Gold— .000030 [.000762] min gold in mating area, overall gold flash over .000050 [.00127] min nickel.
3
These contacts have a .0125 [.318] stock thickness and accept two wires, each with maximum .180 [4.57] insulation
diameters. They can be used only with the following housing part numbers: 770364-1, 770365-1, 770450-1,
770451-1, 770452-1, and 770453-1 (see page 143).
4
Contact length is .875 [22. 23]
5
HDM Applicator part number ending in -1 is used on AMPOMATOR CLS Machine with T or G Terminators, -2 is
used on AMP-O-LECTRIC Model K Machine, -3 is used on AMP-O-LECTRIC Model G Machine. See pages 207-210
for further information.
6
HDM Applicator part number ending in -3 is used on AMPOMATOR CLS Machine with T or G Terminators, -4 is
used on AMP-O-LECTRIC Model K Machine, -6 is used on AMP-O-LECTRIC Model G Machine. See pages 207-210
for further information.
7
HDM Applicator part number ending in -3 is used on AMPOMATOR CLS Machine with T or G Terminators, -2 is
used on AMP-O-LECTRIC Model K Machine, -4 is used on AMP-O-LECTRIC Model G Machine. See pages 207-210
for further information.
Note: Phosphor bronze contacts should be used in high-temperature/humidity cycling applications.
Note: All part numbers are RoHS Compliant.
.780
[19.81]
.973
[24.71]
.780
[19.81]
.973
[24.71]
Contact Extraction Tool
Part No. 318837-1
IS 408-4375




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl