Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1376386-4 Datasheet(PDF) 84 Page - Tyco Electronics

Part # 3-1376386-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376386-4 Datasheet(HTML) 84 Page - Tyco Electronics

Back Button 3-1376386-4 Datasheet HTML 80Page - Tyco Electronics 3-1376386-4 Datasheet HTML 81Page - Tyco Electronics 3-1376386-4 Datasheet HTML 82Page - Tyco Electronics 3-1376386-4 Datasheet HTML 83Page - Tyco Electronics 3-1376386-4 Datasheet HTML 84Page - Tyco Electronics 3-1376386-4 Datasheet HTML 85Page - Tyco Electronics 3-1376386-4 Datasheet HTML 86Page - Tyco Electronics 3-1376386-4 Datasheet HTML 87Page - Tyco Electronics 3-1376386-4 Datasheet HTML 88Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 98 page
background image
218
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Non-Compliant to RoHS Compliant Part Number Cross Reference (Continued)
1-794627-0
4-794627-0
1-794627-2
4-794627-2
1-794627-4
4-794627-4
1-794627-6
4-794627-6
1-794627-8
4-794627-8
2-794627-0
5-794627-0
2-794627-2
5-794627-2
2-794627-4
5-794627-4
794628-2
3-794628-2
794628-4
3-794628-4
794628-6
3-794628-6
794628-8
3-794628-8
1-794628-0
4-794628-0
1-794628-2
4-794628-2
1-794628-4
4-794628-4
1-794628-6
4-794628-6
1-794628-8
4-794628-8
2-794628-0
5-794628-0
2-794628-2
5-794628-2
2-794628-4
5-794628-4
794629-2
3-794629-2
794629-4
3-794629-4
794629-6
3-794629-6
794629-8
3-794629-8
1-794629-0
4-794629-0
1-794629-2
4-794629-2
1-794629-4
4-794629-4
1-794629-6
4-794629-6
1-794629-8
4-794629-8
2-794629-0
5-794629-0
2-794629-2
5-794629-2
2-794629-4
5-794629-4
794630-2
3-794630-2
794630-4
3-794630-4
794630-6
3-794630-6
794630-8
3-794630-8
1-794630-0
4-794630-0
1-794630-2
4-794630-2
1-794630-4
4-794630-4
1-794630-6
4-794630-6
1-794630-8
4-794630-8
2-794630-0
5-794630-0
2-794630-2
5-794630-2
2-794630-4
5-794630-4
794631-2
3-794631-2
794631-4
3-794631-4
794631-6
3-794631-6
794631-8
3-794631-8
1-794631-0
4-794631-0
1-794631-2
4-794631-2
1-794631-4
4-794631-4
1-794631-6
4-794631-6
1-794631-8
4-794631-8
2-794631-0
5-794631-0
2-794631-2
5-794631-2
2-794631-4
5-794631-4
794632-2
3-794632-2
794632-4
3-794632-4
794632-6
3-794632-6
794632-8
3-794632-8
1-794632-0
4-794632-0
Non-Compliant
RoHS Compliant
Part Number
Part Number
794622-8
3-794622-8
1-794622-0
4-794622-0
1-794622-2
4-794622-2
1-794622-4
4-794622-4
1-794622-6
4-794622-6
1-794622-8
4-794622-8
2-794622-0
5-794622-0
2-794622-2
5-794622-2
2-794622-4
5-794622-4
794623-2
3-794623-2
794623-4
3-794623-4
794623-6
3-794623-6
794623-8
3-794623-8
1-794623-0
4-794623-0
1-794623-2
4-794623-2
1-794623-4
4-794623-4
1-794623-6
4-794623-6
1-794623-8
4-794623-8
2-794623-0
5-794623-0
2-794623-2
5-794623-2
2-794623-4
5-794623-4
794624-2
3-794624-2
794624-4
3-794624-4
794624-6
3-794624-6
794624-8
3-794624-8
1-794624-0
4-794624-0
1-794624-2
4-794624-2
1-794624-4
4-794624-4
1-794624-6
4-794624-6
1-794624-8
4-794624-8
2-794624-0
5-794624-0
2-794624-2
5-794624-2
2-794624-4
5-794624-4
794625-2
3-794625-2
794625-4
3-794625-4
794625-6
3-794625-6
794625-8
3-794625-8
1-794625-0
4-794625-0
1-794625-2
4-794625-2
1-794625-4
4-794625-4
1-794625-6
4-794625-6
1-794625-8
4-794625-8
2-794625-0
5-794625-0
2-794625-2
5-794625-2
2-794625-4
5-794625-4
794626-2
3-794626-2
794626-4
3-794626-4
794626-6
3-794626-6
794626-8
3-794626-8
1-794626-0
4-794626-0
1-794626-2
4-794626-2
1-794626-4
4-794626-4
1-794626-6
4-794626-6
1-794626-8
4-794626-8
2-794626-0
5-794626-0
2-794626-2
5-794626-2
2-794626-4
5-794626-4
794627-2
3-794627-2
794627-4
3-794627-4
794627-6
3-794627-6
794627-8
3-794627-8
Non-Compliant
RoHS Compliant
Part Number
Part Number
1-794632-2
4-794632-2
1-794632-4
4-794632-4
1-794632-6
4-794632-6
1-794632-8
4-794632-8
2-794632-0
5-794632-0
2-794632-2
5-794632-2
2-794632-4
5-794632-4
794633-2
3-794633-2
794633-4
3-794633-4
794633-6
3-794633-6
794633-8
3-794633-8
1-794633-0
4-794633-0
1-794633-2
4-794633-2
1-794633-4
4-794633-4
1-794633-6
4-794633-6
1-794633-8
4-794633-8
2-794633-0
5-794633-0
2-794633-2
5-794633-2
2-794633-4
5-794633-4
794634-2
3-794634-2
794634-4
3-794634-4
794634-6
3-794634-6
794634-8
3-794634-8
1-794634-0
4-794634-0
1-794634-2
4-794634-2
1-794634-4
4-794634-4
1-794634-6
4-794634-6
1-794634-8
4-794634-8
2-794634-0
5-794634-0
2-794634-2
5-794634-2
2-794634-4
5-794634-4
794635-2
3-794635-2
794635-4
3-794635-4
794635-6
3-794635-6
794635-8
3-794635-8
1-794635-0
4-794635-0
1-794635-2
4-794635-2
1-794635-4
4-794635-4
1-794635-6
4-794635-6
1-794635-8
4-794635-8
2-794635-0
5-794635-0
2-794635-2
5-794635-2
2-794635-4
5-794635-4
794636-2
3-794636-2
794636-4
3-794636-4
794636-6
3-794636-6
794636-8
3-794636-8
1-794636-0
4-794636-0
1-794636-2
4-794636-2
1-794636-4
4-794636-4
1-794636-6
4-794636-6
1-794636-8
4-794636-8
2-794636-0
5-794636-0
2-794636-2
5-794636-2
2-794636-4
5-794636-4
794637-2
3-794637-2
794637-4
3-794637-4
794637-6
3-794637-6
794637-8
3-794637-8
1-794637-0
4-794637-0
1-794637-2
4-794637-2
Non-Compliant
RoHS Compliant
Part Number
Part Number
1-794637-4
4-794637-4
1-794637-6
4-794637-6
1-794637-8
4-794637-8
2-794637-0
5-794637-0
2-794637-2
5-794637-2
2-794637-4
5-794637-4
794638-2
3-794638-2
794638-4
3-794638-4
794638-6
3-794638-6
794638-8
3-794638-8
1-794638-0
4-794638-0
1-794638-2
4-794638-2
1-794638-4
4-794638-4
1-794638-6
4-794638-6
1-794638-8
4-794638-8
2-794638-0
5-794638-0
2-794638-2
5-794638-2
2-794638-4
5-794638-4
794662-2
1586489-2
794662-4
1586489-4
794662-6
1586489-6
794662-8
1586489-8
1-794662-0
1-1586489-0
1-794662-2
1-1586489-2
1-794662-4
1-1586489-4
1-794662-6
1-1586489-6
1-794662-8
1-1586489-8
2-794662-0
2-1586489-0
2-794662-2
2-1586489-2
2-794662-4
2-1586489-4
794663-2
1586490-2
794663-4
1586490-4
794663-6
1586490-6
794663-8
1586490-8
1-794663-0
1-1586490-0
1-794663-2
1-1586490-2
1-794663-4
1-1586490-4
1-794663-6
1-1586490-6
1-794663-8
1-1586490-8
2-794663-0
2-1586490-0
2-794663-2
2-1586490-2
2-794663-4
2-1586490-4
794664-2
1586491-2
794664-4
1586491-4
794664-6
1586491-6
794664-8
1586491-8
1-794664-0
1-1586491-0
1-794664-2
1-1586491-2
1-794664-4
1-1586491-4
1-794664-6
1-1586491-6
1-794664-8
1-1586491-8
2-794664-0
2-1586491-0
2-794664-2
2-1586491-2
2-794664-4
2-1586491-4
794665-2
1586492-2
794665-4
1586492-4
794665-6
1586492-6
794665-8
1586492-8
1-794665-0
1-1586492-0
1-794665-2
1-1586492-2
1-794665-4
1-1586492-4
Non-Compliant
RoHS Compliant
Part Number
Part Number
AMP
Soft Shell
Pin and Socket Connectors


Similar Part No. - 3-1376386-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376386-4 MACOM-3-1376386-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376386-4 MACOM-3-1376386-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376386-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com