Electronic Components Datasheet Search |
|
3-1376385-4 Datasheet(PDF) 74 Page - Tyco Electronics |
|
3-1376385-4 Datasheet(HTML) 74 Page - Tyco Electronics |
74 / 98 page 208 Catalog 82181 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 4-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Application Tooling (Continued) AMP Soft Shell Pin and Socket Connectors Automatic Machines EDGE Electronic Applicator Counter Fully-automatic machines that measure, cut, strip and terminate single leads. Microprocessor-controlled, and programmed and operated using an easy-to-follow, menu- driven touchscreen. Features include direct-drive terminating units with precision crimp height adjustment, fully programmable setups, wire runout and splice detection, and motorized pre-feed with wire straightener. Crimp quality monitoring is also available. Specifications Width—159 [4 039] Depth—68 [1 730] Height—90 [2 285] min., with 24 [610] dia. reel Weight—2 000 lb [907 kg] Electrical—220 VAC, 50 or 60 Hz, 1 ∅, 20 A with neutral and ground Air—90 psi [6.21 bar], 15 scfm [0.00708 m3/s] sustained Wire Range—26-10 AWG [0.12-6 mm2] stranded, 26-16 AWG [0.12-1.4 mm2] solid Lead Lengths—3-90 [76.2-2 286], 90-1 000 [2 286-25 400] with long lead conveyors For more information, request Catalog 124324. AMPOMATOR CLS IV+ Lead-Making Machines, 356500-1, -2 The AMPOMATOR System III Leadmaker is designed for the demands of low-volume/ high-mix manufacturing and precision quality. This lead- maker combines the best wire processing capabilities with new technologies in terminal feeding and machine set-up found in the System III Applicator to offer significant advantages for higher through- put and efficiencies. Request Catalog 1654956-5. AMPOMATOR System III Leadmaker The new, versatile EDGE appli- cator counter tracks wearable tool usage for the most effec- tive maintenance planning. The completely electronic counter, with clear LCD display, indi- cates cycles since installation. By performing maintenance at measured intervals with pre-set limits, operators avoid break- downs and rejects caused by tool wear or mis-adjustment. For more information, request Catalog 1773385. The System III Applicator introduces several new technologies into the applicator including a precision servo- electric motorized feeding system, a built-in data module for storing terminal crimp and set-up information, a precision fit round ram, and a newly designed terminal depressor. It still utilizes the proven quality of the HD-M crimper and anvil tooling. System III Applicator |
Similar Part No. - 3-1376385-4 |
|
Similar Description - 3-1376385-4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |