Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5287 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N5287
Description  CURRENT REGULATOR DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N5287 Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N5287 Datasheet HTML 1Page - Digitron Semiconductors 1N5287 Datasheet HTML 2Page - Digitron Semiconductors 1N5287 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N5283-1N5314, 1N7048-1N7055
CURRENT REGULATOR DIODES
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Parameters
Symbol
Value
Unit
Junction and storage temperature range
TJ, Tstg
-65 to +175
°C
Thermal resistance, junction to lead @ L = 0.375”
R
ӨJL
250
°C/W
Thermal impedance
Z
ӨJX
25
°C/W
Steady state power dissipation @ TL = 50°C, L = 3/8”(1):
PD
500
mW
Working peak voltage
VWM
100
Volts
Solder pad temperature @ 10 seconds maximum
TSP
260
°C
Note 1: Derate at 4mW/°C above 50°C.
ELECTRICAL CHARACTERISTICS (@ 25°C, unless otherwise specified)
Regulator current
lP (mA) @ VS = 25V
Part
number
NOM
MIN
MAX
Minimum
dynamic
impedance
@ VS = 25V
ZS (MΩ)(2)
Minimum
knee
impedance @
VK = 6.0 V
ZK = (MΩ)(3)
Maximum
limiting
voltage @
IL = 0.8 lS(min)
VL (volts)
Peak operating
voltage
volts
1N5283
0.22
0.198
0.242
25.0
2.75
1.00
100
1N5284
0.24
0.216
0.264
19.0
2.35
1.00
100
1N5285
0.27
0.243
0.297
14.0
1.95
1.00
100
1N5286
0.30
0.270
0.330
9.0
1.60
1.00
100
1N5287
0.33
0.297
0.363
8.0
1.35
1.00
100
1N5288
0.39
0.351
0.429
4.10
1.00
1.05
100
1N5289
0.43
0.387
0.473
3.30
0.870
1.05
100
1N5290
0.47
0.423
0.517
2.70
0.750
1.05
100
1N5291
0.56
0.504
0.616
1.90
0.560
1.10
100
1N5292
0.62
0.558
0.682
1.55
0.470
1.13
100
1N5293
0.68
0.612
0.748
1.35
0.400
1.15
100
1N5294
0.75
0.675
0.825
1.15
0.335
1.20
100
1N5295
0.82
0.738
0.902
1.00
0.290
1.25
100
1N5296
0.91
0.819
1.001
0.880
0.240
1.29
100
1N5297
1.00
0.900
1.100
0.800
0.205
1.35
100
1N5298
1.10
0.990
1.210
0.700
0.180
1.40
100
1N5299
1.20
1.08
1.32
0.640
0.155
1.45
100
1N5300
1.30
1.17
1.43
0.580
0.135
1.50
100
1N5301
1.40
1.26
1.54
0.540
0.115
1.55
100
1N5302
1.50
1.35
1.65
0.510
0.105
1.60
100
1N5303
1.60
1.44
1.76
0.475
0.092
1.65
100
1N5304
1.80
1.62
1.98
0.420
0.074
1.75
100
1N5305
2.00
1.80
2.20
0.395
0.061
1.85
100
1N5306
2.20
1.98
2.42
0.370
0.052
1.95
100
1N5307
2.40
2.16
2.54
0.345
0.044
2.00
100
1N5308
2.70
2.43
2.97
0.320
0.035
2.15
100
1N5309
3.00
2.70
3.30
0.300
0.029
2.25
100
1N5310
3.30
2.97
3.63
0.280
0.024
2.35
100
1N5311
3.60
3.24
3.96
0.265
0.020
2.50
100
1N5312
3.90
3.51
4.29
0.255
0.017
2.60
100
1N5313
4.30
3.87
4.73
0.245
0.014
2.75
100
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130215


Similar Part No. - 1N5287

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5287 MOTOROLA-1N5287 Datasheet
119Kb / 5P
   CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
1N5287 CDI-DIODE-1N5287 Datasheet
30Kb / 2P
   CURRENT REGULATOR DIODES
logo
Knox Semiconductor, Inc
1N5287 KNOX-1N5287 Datasheet
37Kb / 1P
   CURRENT LIMITER FIELD EFFECT DIODES
logo
Microsemi Corporation
1N5287 MICROSEMI-1N5287 Datasheet
97Kb / 2P
   HIGH RELIABILITY CURRENT REGULATOR DIODES
1N5287 MICROSEMI-1N5287 Datasheet
34Kb / 1P
   CURRENT REGULATOR DIODES
More results

Similar Description - 1N5287

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N5283 CDI-DIODE-1N5283 Datasheet
30Kb / 2P
   CURRENT REGULATOR DIODES
DCR250 CDI-DIODE-DCR250 Datasheet
15Kb / 1P
   CURRENT REGULATOR DIODES
logo
Microsemi Corporation
JAN1N5283-1 MICROSEMI-JAN1N5283-1 Datasheet
223Kb / 6P
   CURRENT REGULATOR DIODES
1N5283 MICROSEMI-1N5283_10 Datasheet
30Kb / 1P
   CURRENT REGULATOR DIODES
logo
New Jersey Semi-Conduct...
J500 NJSEMI-J500 Datasheet
632Kb / 2P
   Current Regulator Diodes
2N5283 NJSEMI-2N5283 Datasheet
196Kb / 2P
   CURRENT REGULATOR DIODES
logo
Motorola, Inc
1N5283 MOTOROLA-1N5283 Datasheet
119Kb / 5P
   CURRENT REGULATOR DIODES
logo
Vishay Siliconix
J510-E3 VISHAY-J510-E3 Datasheet
44Kb / 5P
   Current Regulator Diodes
Rev. F, 02-Jul-01
logo
Microsemi Corporation
DCR250 MICROSEMI-DCR250 Datasheet
19Kb / 1P
   CURRENT REGULATOR DIODES
CDLL250 MICROSEMI-CDLL250 Datasheet
19Kb / 1P
   CURRENT REGULATOR DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com