Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-1376393-2 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 1-1376393-2
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1376393-2 Datasheet(HTML) 4 Page - Tyco Electronics

  1-1376393-2 Datasheet HTML 1Page - Tyco Electronics 1-1376393-2 Datasheet HTML 2Page - Tyco Electronics 1-1376393-2 Datasheet HTML 3Page - Tyco Electronics 1-1376393-2 Datasheet HTML 4Page - Tyco Electronics 1-1376393-2 Datasheet HTML 5Page - Tyco Electronics 1-1376393-2 Datasheet HTML 6Page - Tyco Electronics 1-1376393-2 Datasheet HTML 7Page - Tyco Electronics 1-1376393-2 Datasheet HTML 8Page - Tyco Electronics 1-1376393-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
138
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board) (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Material and Finish
Housing—6/6 Nylon, glass filled
Related Product Data
Receptacle Contacts—page 137
Double Lock Plates—page 137
Mating Headers—page 140
Plug Housings
(For Receptacle Contacts)
Section X-X
Type of Keying/Color
Applicable
No. of
Double
Mating
Pos.
AB
Type A
Type B
Type C
Type D
Lock Plate
Header Assy.
Natural
Red
Blue
Yellow
Part Number
Part Number
2
15
1376388-1
1-1376388-2
2-1376388-3
3-1376388-4
1376394-1
-1376382-
3
20
10
1376389-1
1-1376389-2
2-1376389-3
3-1376389-4
1376395-1
-1376383-
-1376421-
4
25
15
1376390-1
1-1376390-2
2-1376390-3
3-1376390-4
1376396-1
-1376384-
6
35
25
1376391-1
1-1376391-2
2-1376391-3
3-1376391-4
1376397-1
-1376385-
Note: Dimensions shown are metric.
Note: All part numbers are RoHS Compliant.
Plug Housing Part No.
Type of Keying/Color
Dimensions


Similar Part No. - 1-1376393-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1376393-2 MACOM-1-1376393-2 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-1376393-2 MACOM-1-1376393-2 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-1376393-2 MACOM-1-1376393-2 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-1376393-2 MACOM-1-1376393-2 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 1-1376393-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com