Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6071 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N6071
Description  BIDIRECTIONAL TRANSIENT SUPPRESSOR DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N6071 Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N6071 Datasheet HTML 1Page - Digitron Semiconductors 1N6071 Datasheet HTML 2Page - Digitron Semiconductors 1N6071 Datasheet HTML 3Page - Digitron Semiconductors 1N6071 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N6036 – 1N6072A
BIDIRECTIONAL TRANSIENT SUPPRESSOR DIODES
MAXIMUM RATINGS
POWER DISSIPATION
1500 Watts @ 25°C
tCLAMPING (0 VOLTS TO V(BR) MIN)
Less than 5 x 10-9 seconds
OPERATING TEMPERATURE
-65°C to +175°C
STEADY STATE POWER DISSIPATION
1.0 Watts @ TL = 25°C, ⅜” from body
REPETITION RATE (DUTY CYCLE)
.01%
ELECTRICAL CHARACTERISTICS (@ 25°C unless otherwise noted)
Rated
Standoff
Voltage
Breakdown Voltage
Maximum Clamping
Voltage
@ Ipp
(1 mSEC)
Maximum
Reverse Leakage
@ VRM
Maximum
Peak Pulse
Current
Maximum
Temperature
Coefficient of
V(BR)
TYPE
VWM
V(BR) @ IT
VC
IRM
Ipp
aVZ
VOLTS
VOLTS
mA
VOLTS
µA
A
%/°C
1N6036
1N6036A
1N6037
1N6037A
1N6038
1N6038A
1N6039
1N6039A
1N6040
1N6040A
1N6041
1N6041A
1N6042
1N6042A
1N6043
1N6043A
1N6044
1N6044A
1N6045
1N6045A
1N6046
1N6046A
1N6047
1N6047A
1N6048
1N6048A
1N6049
1N6049A
1N6050
1N6050A
1N6051
1N6051A
1N6052
1N6052A
1N6053
1N6053A
1N6054
1N6054A
1N6055
1N6055A
1N6056
1N6056A
1N6057
1N6057A
1N6058
1N6058A
1N6059
1N6059A
5.5
6.0
6.5
7.0
7.0
7.5
8.0
8.5
8.5
9.0
9.0
10.0
10.0
11.0
11.0
12.0
12.0
13.0
14.0
15.0
16.0
17.0
17.0
18.0
19.0
20.0
21.0
22.0
24.0
25.0
26.0
28.0
29.0
30.0
31.0
33.0
34.0
36.0
38.0
40.0
41.0
43.0
45.0
47.0
48.0
53.0
55.0
58.0
6.75 - 8.25
7.13 – 7.88
7.38 – 9.02
7.79 – 8.61
8.19 – 10.00
8.65 – 9.55
9.0 – 11.0
9.5 – 10.5
9.9 – 12.1
10.5 – 11.6
10.8 – 13.2
11.4 – 12.6
11.7 – 14.3
12.4 – 13.7
13.5 – 16.5
14.3 – 15.8
14.4 – 17.5
15.2 – 16.8
16.2 – 19.8
17.1 – 18.9
18.0 – 22.0
19.0 – 21.0
19.8 – 24.2
20.9 – 23.1
21.6 – 26.4
22.8 – 25.2
24.3 – 29.7
25.7 – 28.4
27.0 – 33.0
28.5 – 31.5
29.7 – 36.3
31.4 – 34.7
32.4 – 39.6
34.2 – 37.8
35.1 – 42.9
37.1 – 41.0
38.7 - 47.3
40.9 – 45.2
42.3 – 51.7
44.7 – 49.4
45.9 – 56.1
48.5 – 53.6
50.4 – 61.6
53.2 – 58.8
55.8 – 68.2
58.9 – 65.1
61.2 – 74.8
64.6 – 71.4
10
10
10
10
10
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
11.7
11.3
12.5
12.1
13.8
13.4
15.0
14.5
16.2
15.6
17.3
16.7
19.0
18.2
22.0
21.2
23.5
22.5
26.5
25.2
29.1
27.7
31.9
30.6
34.7
33.2
39.1
37.5
43.5
41.4
47.7
45.7
52.0
49.9
56.4
53.9
61.9
59.3
67.8
64.8
73.5
70.1
80.5
77.0
89.0
85.0
98.0
92.0
1000
1000
500
500
200
200
50
50
10
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
128
132
120
124
109
112
100
103
93
96
87
90
79
82
68
71
64
67
56.5
59.5
51.5
54
47
49
43
45
38.5
40
34.5
36
31.5
33
29
30
26.5
28
24
25.3
22.2
23.2
20.4
21.4
18.6
19.5
16.9
17.7
15.3
16.3
.061
.061
.065
.065
.068
.068
.073
.073
.075
.075
.078
.078
.081
.081
.084
.084
.086
.086
.088
.088
.090
.090
.092
.092
.094
.094
.095
.096
.097
.097
.098
.098
.099
.099
.100
.100
.101
.101
.101
.101
.102
.102
.103
.103
.104
.104
.104
.104
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120705


Similar Part No. - 1N6071

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6071 MICROSEMI-1N6071 Datasheet
107Kb / 2P
   BIDIRECTIONAL TRANSIENT ABSORPTION ZENER
1N6071 MICROSEMI-1N6071 Datasheet
202Kb / 4P
   1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
1N6071 LITTELFUSE-1N6071 Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
logo
New Jersey Semi-Conduct...
1N6071 NJSEMI-1N6071 Datasheet
147Kb / 2P
   1500 WATTS PEAK POWER DISSIPATION
logo
Microsemi Corporation
1N6071A MICROSEMI-1N6071A Datasheet
107Kb / 2P
   BIDIRECTIONAL TRANSIENT ABSORPTION ZENER
More results

Similar Description - 1N6071

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P6SMBJ65 DIOTEC-P6SMBJ65_14 Datasheet
130Kb / 4P
   bidirectional Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220_14 Datasheet
120Kb / 3P
   bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
P4SMA220 SEMIKRON-P4SMA220 Datasheet
373Kb / 2P
   Bidirectional Transient Voltage Suppressor diodes
TGL41-520C SEMIKRON-TGL41-520C Datasheet
427Kb / 2P
   Bidirectional Transient Voltage Suppressor diodes
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
New Jersey Semi-Conduct...
1N6058A NJSEMI-1N6058A Datasheet
85Kb / 1P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com