Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NKJ800 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # NKJ800
Description  Standard Diodes, 800 A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKJ800 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  NKJ800 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKJ800 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKJ800 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKJ800 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
www.nellsemi.com
RoHS
RoHS
SEMICONDUCTOR
Nell Semiconductors
BLOCKING
Maximum peak reverse and
off-state leakage current
RMS insulation Voltage
VINS
ELECTRICAL SPECIFICATIONS
V
UNIT
NKC800
NKD800
NKJ800
VOLTAGE RATINGS
VOLTAGE
TYPE
NUMBER
CODE
V
, MAXIMUM REPETITIVE
RRM
PEAK REVERSE VOLTAGE
V
V
, MAXIMUM NON-REPETITIVE
RSM
PEAK REVERSE VOLTAGE
V
l
MAXIMUM
RRM
AT T MAXIMUM
J
mA
08
12
16
20
800
1200
1600
2000
900
1300
1700
2100
50
FORWARD CONDUCTION
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
VALUES
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
A
100
ºC
Maximum peak, one-cycle forward
non-reptitive surge current
IFSM
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
1256
30
31.4
4500
4094
3159
2
kA s
kA
2893
t = 0.1 to 10 ms, no voltage reapplied
Maximum l t for fusing
2
45000
V
1.80
800
VFM
2
I √t
2
kA s
Maximum l √t for fusing
2
No voltage
reapplied
100%VRRM
reapplied
Sine half wave,
initial T = T maximum
J
J
IF(RMS)
Maximum forward voltage drop
Maximum RMS
current
forward
180° conduction, half sine wave at T = 100
C
°C
l
= 2400A, T = 25°C
pk
J
2
I t
T = T maximum, rated V
applied
J
J
RRM
t = 1s
lRRM
50
100
3000
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
T = 25°C
J
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
VALUES
-40 to 150
0.054
0.008
3500
g
.
N m
Maximum junction operating and storage
temperature range
Maximum thermal resistance,
junction to case per junction
Maximum thermal resistance,
case to heatsink
Mounting torque,
±10%
Approximate weight
T ,T
J
stg
RthJC
RthCS
DC operation
Mounting surface,
flat
smooth,
and greased
SMAP to heatsink, M8
busbar to SMAP, M12
A mounting compound is recommended
and the torque should be rechecked after
a period of 3 hours to allow for the spread
of the compound.
SUPER MAGN-A-PAK (1)
Case style
°C
°C/W
A
mA
µ
A
6 to 8
13 to 16
See dimensions - link at the end of
datasheet
NKD800/NKJ800/NKC800 Series


Similar Part No. - NKJ800

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKJ800 NELLSEMI-NKJ800 Datasheet
668Kb / 4P
   Standard Recovery Diodes
More results

Similar Description - NKJ800

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD400C04C VISHAY-SD400C04C Datasheet
132Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 800 A
Revision: 05-Mar-08
VS-SD400CC VISHAY-VS-SD400CC Datasheet
203Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 800 A
Revision: 15-Apr-14
SD400C04C VISHAY-SD400C04C_12 Datasheet
144Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 800 A
Revision: 05-Mar-08
VS-SD400CC VISHAY-VS-SD400CC_V01 Datasheet
187Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 800 A
01-Jan-2022
logo
Nell Semiconductor Co.,...
NKD600 NELLSEMI-NKD600 Datasheet
386Kb / 5P
   Standard Diodes, 600 A
NKD250 NELLSEMI-NKD250_14 Datasheet
487Kb / 4P
   Standard Diodes, 250 A
NKD350 NELLSEMI-NKD350 Datasheet
460Kb / 4P
   Standard Diodes, 350 A
NKD500 NELLSEMI-NKD500 Datasheet
260Kb / 4P
   Standard Diodes, 500 A
NKD160A NELLSEMI-NKD160A Datasheet
353Kb / 4P
   Standard Recovery Diodes, 160 A
NKD135A NELLSEMI-NKD135A Datasheet
322Kb / 4P
   Standard Recovery Diodes, 135 A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com