Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6069 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 1N6069
Description  BIDIRECTIONAL TRANSIENT SUPPRESSOR DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N6069 Datasheet(HTML) 2 Page - Digitron Semiconductors

  1N6069 Datasheet HTML 1Page - Digitron Semiconductors 1N6069 Datasheet HTML 2Page - Digitron Semiconductors 1N6069 Datasheet HTML 3Page - Digitron Semiconductors 1N6069 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N6036 – 1N6072A
BIDIRECTIONAL TRANSIENT SUPPRESSOR DIODES
ELECTRICAL CHARACTERISTICS (CONT’D)
Rated
Standoff
Voltage
Breakdown Voltage
Maximum Clamping
Voltage
@ Ipp
(1 mSEC)
Maximum
Reverse Leakage
@ VRM
Maximum
Peak Pulse
Current
Maximum
Temperature
Coefficient of
V(BR)
TYPE
VRM
V(BR) @ IT
VC
IRM
Ipp
aVZ
VOLTS
VOLTS
mA
VOLTS
µA
A
%/°C
1N6060
1N6060A
1N6061
1N6061A
1N6062
1N6062A
1N6063
1N6063A
1N6064
1N6064A
1N6065
1N6065A
1N6066
1N6066A
1N6067
1N6067A
1N6068
1N6068A
1N6069
1N6069A
1N6070
1N6070A
1N6071
1N6071A
1N6072
1N6072A
60.0
64.0
66.0
70.0
73.0
75.0
81.0
82.0
90.0
94.0
95.0
100.0
105.0
110.0
121.0
128.0
137.0
145.0
145.0
150.0
155.0
160.0
165.0
170.0
175.0
185.0
67.5 – 82.5
71.3 – 78.8
73.8 – 90.2
77.9 – 86.1
81.9 – 100.0
86.5 – 95.5
90.0 – 110.0
95.0 – 105.0
99.0 – 121.0
105.0 – 116.0
108.0 – 132.0
114.0 – 126.0
117.0 – 143.0
124.0 – 137.0
135.0 – 165.0
143.0 – 158.0
153.0 – 187.0
162.0 – 179.0
162.0 – 198.0
171.0 – 189.0
171.0 – 210.0
181.0 – 200.0
180.0 – 220.0
190.0 – 210.0
198.0 – 242.0
209.0 – 231.0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
108.0
103.0
118.0
113.0
131.0
125.0
144.0
137.0
158.0
152.0
176.0
168.0
191.0
182.0
223.0
213.0
258.0
245.0
274.0
261.0
292.0
278.0
308.0
294.0
344.0
328.0
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
13.9
14.6
12.7
13.3
11.4
12.0
10.4
11.0
9.5
9.9
8.5
8.9
7.8
8.2
6.7
7.0
5.8
6.1
5.5
5.7
5.1
5.4
4.9
5.1
4.3
4.6
.105
.105
.105
.105
.106
.106
.106
.106
.107
.107
.107
.107
.107
.107
.108
.108
.108
.108
.108
.108
.108
.108
.108
.108
.108
.108
Clamping Factor:
1.33 @ full rated power
1.20 @ 50% rated power
Clamping Factor:
The ratio of the actual VC (Clamping Voltage) to the V(BR) (Breakdown Voltage)
as measured on a specific device.
MECHANICAL CHARACTERISTICS
Dimensions
1N6036-1N6072A
Inches
Millimeters
Min
Max
Min
Max
BD
-
0.235
-
5.970
BL
0.315
0.350
8.001
8.890
LD
0.027
0.035
0.686
0.762
LL
1.250
-
31.750
-
CASE
Metal, DO-13
POLARITY
Bidirectional
WEIGHT
1.5 Grams
(Approximate)
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120705


Similar Part No. - 1N6069

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6069 MICROSEMI-1N6069 Datasheet
107Kb / 2P
   BIDIRECTIONAL TRANSIENT ABSORPTION ZENER
1N6069 MICROSEMI-1N6069 Datasheet
202Kb / 4P
   1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
1N6069 LITTELFUSE-1N6069 Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
logo
New Jersey Semi-Conduct...
1N6069 NJSEMI-1N6069 Datasheet
147Kb / 2P
   1500 WATTS PEAK POWER DISSIPATION
logo
Microsemi Corporation
1N6069A MICROSEMI-1N6069A Datasheet
107Kb / 2P
   BIDIRECTIONAL TRANSIENT ABSORPTION ZENER
More results

Similar Description - 1N6069

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P6SMBJ65 DIOTEC-P6SMBJ65_14 Datasheet
130Kb / 4P
   bidirectional Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220_14 Datasheet
120Kb / 3P
   bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
P4SMA220 SEMIKRON-P4SMA220 Datasheet
373Kb / 2P
   Bidirectional Transient Voltage Suppressor diodes
TGL41-520C SEMIKRON-TGL41-520C Datasheet
427Kb / 2P
   Bidirectional Transient Voltage Suppressor diodes
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
New Jersey Semi-Conduct...
1N6058A NJSEMI-1N6058A Datasheet
85Kb / 1P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com