Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1369-3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1369-3
Description  MICRO PINS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1369-3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1369-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MICRO PINS
Tel (718) 956-8900 Fax (718) 956-9040
(800) 221-5510 kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
®
100
Tel (718) 956-8900 Fax (718) 956-9040
(800) 221-5510 kec@keyelco.com
.155 [4.0]
.029 [0.72]
PENTAGON
.056 [1.42]
.060 [1.52]
.030 [0.76]
.018 [0.46]
.180 [4.6]
.080 [2.03]
.028 [0.71]
KNURL
.032 [0.81]
.020 [0.51]
.018 [0.46]
.019 [0.48]
SQUARE
A
.018 [0.46]
.060 [1.52]
.055 [1.40]
.038 [0.97]
.016 [0.41]
.049 [1.24]
.295 [7.5]
.125 [3.2]
.020 [0.51]
.062 [1.57]
.021 [0.53]
.025 [0.64]
.100 [2.6]
.047 [1.19]
L
L
.030 [0.76]
.078 [1.98]
.156 [4.0]
.058 [1.47]
.025 [0.64]
.062 [1.57]
.021 [0.53]
.200 [5.1]
.047 [1.19]
L
.025 [0.64]
.062 [1.57]
.025 [0.64]
.250 [6.4]
.040 [1.02]
.025 [0.64]
.065 [1.64]
.018 (.46) PIN - PRESS-FIT
.018 (.46) PIN- PRESS-FIT
.018 (.46) PIN - PRESS-FIT
.020 (.51) PIN - PRESS-FIT
.025 (.64) PIN - SWAGE MOUNT
.025 (.64) PIN - SWAGE MOUNT
.020 (.51) PIN - SOLDER MOUNT
.045 [1.14]
.020 [0.51]
.020 [0.51]
.020 [0.51]
A
.100 [2.6]
.025 (.64) PIN - SWAGE MOUNT
.025 (.64) PIN - SWAGE MOUNT
Precision engineered and manufactured
Space saving design for high density packaging
Micro pins are available in .017 (.43) to .080 (2.03) diameters
Ideal for mating with our standard line of micro jacks
Available for press-fit, swage or solder mounting
Custom micro pins manufactured to your specifications
Other platings available upon request
SPECIFICATIONS
Material: Brass, ASTM-B16
Plating:
Gold: .000010 per MIL-G-45204
Tin: .000200 to .000300 per
MIL-T-10727, Type 1
(RoHS Compliant)
MATERIAL: Phosphor Bronze
DASH NUMBERS (L Dimension)
-1 for .032 (.81) thick Board
-2 for .062 (1.57) thick Board
-3 for .093 (2.36) thick Board
-4 for .125 (3.2) thick Board
Example: 1967-1 for .032 (.81) thick Board
1967-2 for .062 (1.57) thick Board
GOLD
TIN
A
Mtg. Hole
CAT. NO. CAT. NO.
Dim.
Dia.
1992-2 1994-2 .243 (6.2)
.022
1993-2 1995-2 .140 (3.6)
(.56)
GOLD
TIN
Mtg. Hole
CAT. NO. CAT. NO.
Dia.
1996-2 1997-2
.040 (1.01)
GOLD
TIN
Mtg. Hole
CAT. NO. CAT. NO.
Dia.
1990-2 1991-2
.026 (.66)
GOLD
TIN
Mtg. Hole
CAT. NO. CAT. NO.
Dia.
1988-2 1989-2
.026 (.66)
GOLD
TIN
A
Mtg. Hole
CAT. NO. CAT. NO.
Dim.
Dia.
1998-3 2000-3 .250 (6.4)
.024
1999-3 2001-3 .425 (10.8) (.61)
GOLD
TIN
L
Mtg. Hole
CAT. NO. CAT. NO. Length
Dia.
1404-1 1424-1 .051 (1.3)
.052
1404-2 1424-2 .082 (2.1) (1.32)
GOLD
TIN
L
Mtg. Hole
CAT. NO. CAT. NO. Length
Dia.
1408-1 1428-1 .062 (1.6)
.062
1408-2 1428-2 .094 (2.4)
(1.57)
GOLD
TIN
L
Mtg. Hole
CAT. NO. CAT. NO. Length
Dia.
1407-1 1427-1 .051 (1.3)
.052
1407-2 1427-2 .082 (2.1) (1.32)
RoHS
.020 [0.51]
.051 [1.30]
.010 [0.25]
.050 [1.27]
.031 [0.79]
.225 [5.7]
.020 (.51) PIN - SWAGE MOUNT
GOLD
TIN
Mtg. Hole
CAT. NO. CAT. NO.
Dia.
1366-1 1367-1
.035 (.89)
.020 (.51) PIN - SWAGE MOUNT
.025 (.64) PIN - SWAGE MOUNT
.025 [0.64]
L
.025 [0.64]
.062 [1.57]
.040 [1.02]
.150 [3.8]
GOLD
TIN
L
Mtg. Hole
CAT. NO. CAT. NO. Length
Dia.
1372-1 1373-1 .051 (1.3)
.031
1372-2 1373-2 .082 (2.1)
(.78)
GOLD
TIN
L
Mtg. Hole
CAT. NO. CAT. NO. Length
Dia.
1368-1 1369-1 .051 (1.3)
.043
1368-2 1369-2 .082 (2.1)
(1.09)
1368-3 1369-3 .113 (2.9)
.017 (.43) PIN - SOLDER MOUNT
.017 (.43) PIN -SWAGE MOUNT
.030 [0.76]
.186 [4.7]
.078 [1.98]
.049 [1.24]
L
.017 [0.43]
GOLD
TIN
L
Mtg. Hole
CAT. NO. CAT. NO. Length
Dia.
1967-1 1968-1 .051 (1.3)
.052
1967-2 1968-2 .082 (2.0) (1.32)
GOLD
TIN
Mtg. Hole
CAT. NO. CAT. NO.
Dia.
1378-1 1379-1
.022 (.56)
L
.010 [0.25]
.050 [1.27]
.020 [0.51]
.050 [1.27]
.027 [0.68]
GOLD
TIN
Mtg. Hole
CAT. NO. CAT. NO.
Dia.
1401-1
1421-1 .043 (1.09)
.018 (.46) PIN - PRESS-FIT
.018 [0.46]
.145 [3.7]
.045 [1.14]
.045 [1.14]
.020 [0.51]
.028 [0.71]
KNURL
GOLD
TIN
Mtg. Hole
CAT. NO. CAT. NO.
Dia.
1986-1 1987-1
.026 (.66)
.060 [1.52]
.025 [0.64]
.213 [5.4]
.030 [0.76]
L
.024 [0.61]
.024 (.61) PIN - SWAGE MOUNT
GOLD
TIN
L
Mtg. Hole
CAT. NO. CAT. NO. Length
Dia.
1406-1 1426-1 .047 (1.2)
.035
1406-2 1426-2 .078 (1.9)
(.89)
.019 [0.48]
.016 [0.41]
.061 [1.55]
.017 [0.43]
.173 [4.4]
.039 [0.99]
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
M60Section6FREV1A1-COLOR 4/4/13 5:30PM Page100


Similar Part No. - 1369-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1369 ETC2-1369 Datasheet
1Mb / 16P
   Its a complete tool kit that fits in your palm.
13690 ETC1-13690 Datasheet
219Kb / 5P
   Normal Wall Flame Retardant Heat Shrink Tubing
13691 ETC1-13691 Datasheet
219Kb / 5P
   Normal Wall Flame Retardant Heat Shrink Tubing
logo
Festo Corporation.
1369110 FESTO-1369110 Datasheet
105Kb / 1P
   Rotary actuator
1369111 FESTO-1369111 Datasheet
105Kb / 1P
   Rotary actuator
More results

Similar Description - 1369-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1352-1 ETC2-1352-1 Datasheet
485Kb / 1P
   MICRO PINS
logo
Wurth Elektronik GmbH &...
693022010811 WURTH-693022010811 Datasheet
748Kb / 3P
   MICRO SIM - HINGE TYPE - 8 PINS
693023010811 WURTH-693023010811 Datasheet
714Kb / 3P
   MICRO SIM - PUSH & PULL TYPE - 8 PINS
logo
Ulti-Mate Connector Inc
SD-834130002 ULTI-MATE-SD-834130002 Datasheet
108Kb / 1P
   MICRO-D SOLDERABLE CONNECTOR, PLUG (PINS), 21 POSITION MR21N02
10-13-15
logo
Wurth Elektronik GmbH &...
693021010811 WURTH-693021010811 Datasheet
1Mb / 4P
   WR-CRD - MICRO SIM - PUSH & PUSH TYPE - 8 PINS
logo
Ulti-Mate Connector Inc
SD-834140000 ULTI-MATE-SD-834140000 Datasheet
45Kb / 1P
   MICRO-D PLUG (PINS), SIZE 25, SOLDER CUP CONTACTS MR25N0
3-13-14
logo
Wurth Elektronik GmbH &...
693072010801 WURTH-693072010801 Datasheet
894Kb / 3P
   WR-CRD - Micro S D Card Connector - Hinge - 8 pins
logo
Molex Electronics Ltd.
1200705204 MOLEX-1200705204 Datasheet
32Kb / 1P
   Micro-Change (M12) Receptacle, 3 Poles, M16x1.5 Mounting Threads, PCB Pins
08/27/2022
logo
Ulti-Mate Connector Inc
SD-836140818 ULTI-MATE-SD-836140818 Datasheet
88Kb / 1P
   MICRO-D CIRCUIT CONNECTOR, PLUG (PINS), STYLE 8, 25 POSITION CM8R25P07T
7-21-15
SD-836140012 ULTI-MATE-SD-836140012 Datasheet
95Kb / 1P
   MICRO-D CIRCUIT CONNECTOR, PLUG (PINS), STYLE 18, 25 POSITION CM18R25P02
10/12/2012
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com