Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NKD240 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # NKD240
Description  Standard Recovery Diodes, 240 A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKD240 Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  NKD240 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKD240 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKD240 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKD240 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4
SEMICONDUCTOR
RoHS
RoHS
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
Maximum junction operating
temperature range
, TJ
TStg
- 40 to 150
Maximum thermal resistance,
junction to ca se per junction
RthJC
DC operation
°C/W
Maximum thermal resistance,
case to heatsink per module
RthCS
Mounting surface, smooth , flat and greased
Mounting
torque ± 10 %
IAP to heatsink, M6
A mounting compound is recommended and the
torque should be rechecked after a period of
3 hours to allow for the spread of the compound.
Lubricated threads.
4 to 6
busbar to IAP, M6
Approximate weight
220
7.8
Case style
New INT-A-PAK
°C
thCS
oz.
g
0.075
0.18
N.m
Nell High Power Products
www.nellsemi.com
UNITS
NKD240A/NKJ240A/NKC240A Series
ORDERING INFORMATION TABLE
1
-
Module type: NKD, NKJ and NKC for (Diode + Diode) module
2
3
-
Current rating: IF(AV)
4
-
Voltage code x 100 = VRRM
Device code
NKD
A
4
-
Assembly type,”A” for soldering type
16
240
/
3
2
1


Similar Part No. - NKD240

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKD240 NELLSEMI-NKD240 Datasheet
1Mb / 3P
   Standard Recovery Diodes, 240 A(INT-A-PAK Power Modules)
More results

Similar Description - NKD240

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKE240A NELLSEMI-NKE240A Datasheet
646Kb / 4P
   Standard Recovery Diodes, 240 A
NKD240 NELLSEMI-NKD240 Datasheet
1Mb / 3P
   Standard Recovery Diodes, 240 A(INT-A-PAK Power Modules)
NKD160A NELLSEMI-NKD160A Datasheet
353Kb / 4P
   Standard Recovery Diodes, 160 A
NKD135A NELLSEMI-NKD135A Datasheet
322Kb / 4P
   Standard Recovery Diodes, 135 A
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VSMD400AW60 VISHAY-VSMD400AW60 Datasheet
159Kb / 6P
   Standard Recovery Diodes, 400 A
Revision: 08-Mar-11
logo
Nell Semiconductor Co.,...
NKE160A NELLSEMI-NKE160A Datasheet
326Kb / 4P
   Standard Recovery Diodes, 160 A
logo
Vishay Siliconix
VS-VSMD400AW60 VISHAY-VS-VSMD400AW60_V01 Datasheet
166Kb / 6P
   Standard Recovery Diodes, 400 A
01-Jan-2022
logo
Nell Semiconductor Co.,...
NKE500 NELLSEMI-NKE500 Datasheet
336Kb / 5P
   Standard Recovery Diodes, 500 A
logo
Vishay Siliconix
VS-VSMD400AW60 VISHAY-VS-VSMD400AW60 Datasheet
173Kb / 6P
   Standard Recovery Diodes, 400 A
Revision: 11-Jun-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com