Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5947A Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 1N5947A
Description  SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N5947A Datasheet(HTML) 2 Page - Digitron Semiconductors

  1N5947A Datasheet HTML 1Page - Digitron Semiconductors 1N5947A Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N5913A-1N5956A
SILICON ZENER DIODES
ELECTRICAL CHARACTERISTICS (@ 25°C ambient temperature unless otherwise specified)
Nominal zener voltage
Maximum zener impedance
Maximum reverse
leakage current
Maximum DC zener
current
VZ = IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
Part number
V
mA
Ω
Ω
mA
µA
V
mA
1N5945A
68
5.5
120
1700
0.25
1.0
51.2
22
1N5946A
75
5.0
140
2000
0.25
1.0
56.0
20
1N5947A
82
4.6
160
2500
0.25
1.0
62.2
18
1N5948A
91
4.1
200
3000
0.25
1.0
69.2
16
1N5949A
100
3.7
250
3100
0.25
1.0
76.0
15
1N5950A
110
3.4
300
4000
0.25
1.0
83.6
13
1N5951A
120
3.1
380
4500
0.25
1.0
91.2
12
1N5952A
130
2.9
450
5000
0.25
1.0
98.8
11
1N5953A
150
2.5
600
6000
0.25
1.0
114.0
10
1N5954A
160
2.3
700
6500
0.25
1.0
121.6
9.0
1N5955A
180
2.1
900
7000
0.25
1.0
136.8
8.0
1N5956A
200
1.9
1200
8000
0.25
1.0
152.0
7.0
Suffix “A “indicates ±10% tolerance, suffix “B” indicates ±5% tolerance, “C” indicates a ±2% tolerance and suffix “D” indicates a 1% tolerance.
POWER TEMPERATURE DERATING CURVE
Dimensions
DO-41 GLASS
Inches
Millimeters
Min
Max
Min
Max
BD
0.080
0.107
2.000
2.700
BL
0.166
0.205
4.200
5.200
LD
0.028
0.034
0.710
0.860
LL
1.000
-
25.400
-
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121011


Similar Part No. - 1N5947A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5947A EIC-1N5947A Datasheet
15Kb / 2P
   SILICON ZENER DIODES
logo
First Components Intern...
1N5947A FCI-1N5947A Datasheet
113Kb / 2P
   1.5 Watt ZENER DIODES(3.3V to 200V)
logo
SynSemi, Inc.
1N5947A SYNSEMI-1N5947A Datasheet
36Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
1N5947A EIC-1N5947A Datasheet
95Kb / 2P
   SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
1N5947A LUGUANG-1N5947A Datasheet
288Kb / 3P
   POWER DISSIPATION: 1.5W
More results

Similar Description - 1N5947A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com