Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS2844 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part # CS2844
Description  Current Mode PWM Control Circuit with 50% Max Duty Cycle
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS2844 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

  CS2844 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS2844 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS2844 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS2844 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS2844 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS2844 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Undervoltage Lockout
During Undervoltage Lockout (Figure 1), the output driv-
er is biased to sink minor amounts of current. The output
should be shunted to ground with a resistor to prevent
activating the power switch with extraneous leakage cur-
rents.
PWM Waveform
To generate the PWM waveform, the control voltage from
the error amplifier is compared to a current sense signal
which represents the peak output inductor current (Figure
2). An increase in VCC causes the inductor current slope to
increase, thus reducing the duty cycle. This is an inherent
feed-forward characteristic of current mode control, since
the control voltage does not have to change during
changes of input supply voltage.
When the power supply sees a sudden large output cur-
rent increase, the control voltage will increase allowing
the duty cycle to momentarily increase. Since the duty
cycle tends to exceed the maximum allowed to prevent
transformer saturation in some power supplies, the inter-
nal oscillator waveform provides the maximum duty cycle
clamp as programmed by the selection of OSC compo-
nents.
Circuit Description
Test Circuit Open Loop Laboratory Test Fixture
VREF
VCC
VOUT
1kΩ
1W
0.1µF
0.1µF
VREF
VCC
VOUT
Gnd
VFB
Sense
OSC
COMP
5kΩ
100kΩ
4.7kΩ
1kΩ
Error Amp
Adjust
4.7kΩ
Sense
Adjust
RT
2N2222
CT
Gnd
A
VCC
VON
16V
8.4V
VOFF
10V
7.6V
CSX844
CSX845
ON/OFF Command
to reset of IC
<15mA
<1mA
VON VOFF
ICC
VCC
Figure 1: Startup voltage for CSX844 and CSX845.


Similar Part No. - CS2844

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS2844 ONSEMI-CS2844 Datasheet
162Kb / 12P
   Current Mode PWM Control Circuit
June, 2001 ??Rev. 3
CS2844LD14 ONSEMI-CS2844LD14 Datasheet
162Kb / 12P
   Current Mode PWM Control Circuit
June, 2001 ??Rev. 3
CS2844LDR14 ONSEMI-CS2844LDR14 Datasheet
162Kb / 12P
   Current Mode PWM Control Circuit
June, 2001 ??Rev. 3
CS2844LDW16 ONSEMI-CS2844LDW16 Datasheet
162Kb / 12P
   Current Mode PWM Control Circuit
June, 2001 ??Rev. 3
CS2844LDWR16 ONSEMI-CS2844LDWR16 Datasheet
162Kb / 12P
   Current Mode PWM Control Circuit
June, 2001 ??Rev. 3
More results

Similar Description - CS2844

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS52845 CHERRY-CS52845 Datasheet
142Kb / 6P
   Current Mode PWM Control Circuit with 50% Max Duty Cycle
CS3845B CHERRY-CS3845B Datasheet
149Kb / 6P
   Current Mode PWM Control Circuit with 50% Max Duty Cycle
logo
ATMEL Corporation
U6084B ATMEL-U6084B_05 Datasheet
233Kb / 11P
   PWM Power Control with Automatic Duty-cycle Reduction
logo
TEMIC Semiconductors
U6084B TEMIC-U6084B Datasheet
141Kb / 8P
   PWM Power Control with Automatic Duty Cycle Reduction
logo
ATMEL Corporation
U6084B ATMEL-U6084B Datasheet
183Kb / 10P
   PWM Power Control with Automatic Duty-cycle Reduction
logo
Texas Instruments
UCC28220 TI-UCC28220 Datasheet
373Kb / 24P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI-UCC28220_07 Datasheet
616Kb / 30P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI-UCC28220_15 Datasheet
897Kb / 32P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
   Current Mode PWM Control Circuit
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
   Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com