Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NKE26A Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # NKE26A
Description  Standard Recovery Diodes, 26A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKE26A Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  NKE26A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKE26A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKE26A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKE26A Datasheet HTML 4Page - Nell Semiconductor Co., Ltd NKE26A Datasheet HTML 5Page - Nell Semiconductor Co., Ltd NKE26A Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
UNIT
TEST CONDITIONS
VALUES
-40 to 150
0.76
0.1
4
3
115
g
Nm
Junction and storage temperature range
Maximum internal thermal resistance,
junction to case per leg
Typical thermal resistance,
case to heatsink per module
Mounting force, ±10%
Approximate weight
T ,T
J
stg
RthJC
RthCS
DC operation
Mounting surface flat, smooth
and greased
to heatsink, M6
busbar, M5
A mounting compound is recommended
and the torque should be rechecked
after a period of 3 hours to allow for the
spread of the compound.
oz.
ADD-A-PAK (TO-240AA)
Case style
JEDEC
4.06
°C
°C/W
Page 3 of 6
www.nellsemi.com
1
2
3
4
Device code
NKD
A
4
16
26
/
3
2
1
Ordering Information Tabel
-
-
-
-
Module type, NKD, NKJ and NKC for ( Diode + Diode ) module
Current rating : IF(AV)
Voltage code x 100 = VRRM
Assembly type, ''A'' for soldering type
ΔR
CONDUCTION
thJC
SINE HALF WAVE CONDUCTION
DEVICES
RECTANGULAR WAVE CONDUCTION
UNITS
°C/W
180°
120°
90°
60°
30°
0.212
0.258
0.330
0.466
0.72
0.166
0.276
0.357
0.482
0.726
• Table shows the increment of thermal resistance R
when devices
thJC
operate at different conduction angles than DC
Note
180°
120°
90°
60°
30°
NKD26/NKJ26
NKC26/NKE26
NKE for single diode
NKD26A/NKJ26A/NKC26A/NKE26A Series


Similar Part No. - NKE26A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKE26 NELLSEMI-NKE26 Datasheet
624Kb / 2P
   DIODE MODULE
More results

Similar Description - NKE26A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com