Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-215083-4 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 1-215083-4
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-215083-4 Datasheet(HTML) 3 Page - Tyco Electronics

  1-215083-4 Datasheet HTML 1Page - Tyco Electronics 1-215083-4 Datasheet HTML 2Page - Tyco Electronics 1-215083-4 Datasheet HTML 3Page - Tyco Electronics 1-215083-4 Datasheet HTML 4Page - Tyco Electronics 1-215083-4 Datasheet HTML 5Page - Tyco Electronics 1-215083-4 Datasheet HTML 6Page - Tyco Electronics 1-215083-4 Datasheet HTML 7Page - Tyco Electronics 1-215083-4 Datasheet HTML 8Page - Tyco Electronics 1-215083-4 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 100 page
background image
3
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Connector Selection Guide (Continued)
Ribbon Cable Interconnect Solutions
Universal I/O
Pin Connectors
Pages 45 and 46
Mates to .100" x .100"
Novo Type Female
Socket Connector
Pages 48-51
EUROLATCH
Receptacles
Page 47
Mates to .100" x .100"
3-Row Eurocard
Type C & R
See Catalog 82721
Novo
Connectors
Pages 48-51
622 and 636
Series Female
Socket Connectors
Pages 52 and 53
Mates to .100" x .100"
2-Row Universal or
Low-Profile Headers
Pages 75-96
609 Series
Female
Socket Connectors
Pages 54 and 55
.050" [1.27 mm]
Cable Pitch
(Continued)
.100" x .300"
Footprint
.100" x .100"
Footprint
Mates to
2-Row DIP Sockets
or Solders to PCB
.100" x .600"
Footprint
622 and
636 Series
DIP Plugs
Page 57
609 Series
DIP Plugs
Page 56
DIP Plugs
Page 58
TE Connectivity
TE Connectivity
DIP Plugs
Page 59
TE Connectivity
DIP Plugs
Page 60
Solder
Transition
Connectors
Page 61
Solders to
.050" x .100"
4-Row PCB Footprint
.050" [1.27 mm]
Cable Pitch
(Continued)


Similar Part No. - 1-215083-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-215083-4 MACOM-1-215083-4 Datasheet
4Mb / 18P
   AMP Micro-Match Miniature Connector System
More results

Similar Description - 1-215083-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5102321-4 MACOM-5102321-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com