Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

170M4415 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 170M4415
Description  Square Body ??Flush End Contact
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

170M4415 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  170M4415 Datasheet HTML 1Page - List of Unclassifed Manufacturers 170M4415 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Form No.
Page 2 of 2
BIF Doc #720019
Bussmann®
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled.
This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right,
without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without
notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Square Body – Flush End Contact
690V/700V (IEC/U.L.)
40-2000A
Total Clearing I2t
The total clearing I
2t at rated voltage and
at power factor of 15% are given in the
electrical characteristics. For other volt-
ages, the clearing I
2t is found by multi-
plying by correction factor, K , given as
a function of applied working voltage,
Eg, (RMS).
Arc Voltage
This curve gives the peak arc voltage,
UL, which may appear across the fuse
during its operation as a function of the
applied working voltage, Eg, (RMS) at a
power factor of 15%.
Power Losses
Watts loss at rated current is given in
the electrical characteristics. The curve
allows the calculation of the power
losses at load currents lower than the
rated current . The correction factor, Kp ,
is given as a function of the RMS load
current, Ib , in % of the rated current .
Electrical Characteristics
A
B
D
E
E
H
G
F
Size
A
B
D
E
F
F§
GH
1*
50
51
59
45
M8
fiΩ¡§∑ - 18 UNC-2B
5
ø17
1
50516953
M8
fiΩ¡§∑ - 18 UNC-2B
8
ø20
2
50517761M10
‹Ω•∑ - 16 UNC-2B
10
ø24
3
51539276M12
⁄Ω™∑ - 13 UNC-2B
10
ø30
§Valid for fuses type -G/- & -GKN/-
NB: B = 65 for Size 2, 1100-1250A
Carton Quantity = 4
Carton Weight = 2.40 kg
Size 3, 1600-2000A
Carton Quantity = 2
Carton Weight = 1.82 kg
Dimension in mm.
1mm = 0.0394∑
1∑ = 25.4mm
Dimensions
Flush End Contact: Type -B/-, -BKN/-, -G/-, -GKN/-
K
1.5
1.0
0.5
0.4
0.3
0.2
E
g
1)
2)
100 200 300 400 500 600 690
U
L
1.4
1.2
103
6
8
7
9
5
4
3
E
g
200
300
400
500
600 690
K
p
30 40 50
60
70
80 90 100%
I
b
1.0
0.8
0.4
0.5
0.6
0.3
0.2
0.1
1) Rated voltage 600V
2) Rated voltage 550V
7-11-01
SB01191
®
R


Similar Part No. - 170M4415

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170M4415 COOPER-170M4415 Datasheet
49Kb / 2P
   Square Body ??Flush End Contact
170M4415 COOPER-170M4415 Datasheet
49Kb / 2P
   Square Body Flush End Contact 690V/700V IEC/UL 40-2000A
More results

Similar Description - 170M4415

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
170M5961 IRI-170M5961 Datasheet
158Kb / 2P
   Square Body Flush End Contact
logo
Cooper Bussmann, Inc.
170M3408 COOPER-170M3408 Datasheet
49Kb / 2P
   Square Body ??Flush End Contact
logo
List of Unclassifed Man...
170M4489 ETC-170M4489 Datasheet
55Kb / 2P
   Square Body . Flush End Contact
logo
Cooper Bussmann, Inc.
170M3388 COOPER-170M3388 Datasheet
55Kb / 2P
   Square Body ??Flush End Contact 1250V/1300V (IEC/U.L.)
170M3558 COOPER-170M3558 Datasheet
49Kb / 2P
   Square Body Flush End Contact 690V/700V IEC/UL 40-2000A
170M6499 COOPER-170M6499 Datasheet
55Kb / 2P
   Square Body ??Flush End Contact 1250V/1300V (IEC/U.L.) 50-1400A
170M3488 COOPER-170M3488 Datasheet
55Kb / 2P
   Square Body Flush End Contact 1250V/1300V IEC/UL 50-1400A
170H0235 COOPER-170H0235 Datasheet
47Kb / 1P
   Square Body Accessories
logo
Littelfuse
LA070URD31LI350 LITTELFUSE-LA070URD31LI350 Datasheet
402Kb / 5P
   Square Body Semiconductor Fuses
logo
List of Unclassifed Man...
170M4139 ETC-170M4139 Datasheet
56Kb / 2P
   Square Body - DIN 43 653
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com