Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74HC1G06G-AL5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74HC1G06G-AL5-R
Description  SINGLE INVERTER WITH OPEN-DRAIN OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC1G06G-AL5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74HC1G06G-AL5-R Datasheet HTML 1Page - Unisonic Technologies U74HC1G06G-AL5-R Datasheet HTML 2Page - Unisonic Technologies U74HC1G06G-AL5-R Datasheet HTML 3Page - Unisonic Technologies U74HC1G06G-AL5-R Datasheet HTML 4Page - Unisonic Technologies U74HC1G06G-AL5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74HC1G06
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-884.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 7.0
V
Input Voltage
VIN
-0.5 ~ VCC +0.5
V
Output Voltage
VOUT
-0.5 ~ VCC +0.5
V
VCC or GND Current
ICC
±50
mA
Continuous Output Current (VOUT=0 to VCC )
IOUT
±25
mA
Input Clamp Current (VIN<0)
IIK
±20
mA
Output Clamp Current (VOUT<0)
IOK
±20
mA
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2
6
V
Input Voltage
VIN
0
VCC
V
Output Voltage
VOUT
0
VCC
V
Low-level Output Current
IOL
VCC=2.0V
20
uA
VCC=4.5V
20
uA
VCC=6.0V
20
VCC=4.5V
4.0
mA
VCC=6.0V
5.2
Operating Temperature
TA
-40
85
°C
Input Transition Rise or Fall Rate
Δt/Δv
VCC=2.0V
500
ns/V
VCC=4.5V
112
VCC=6.0V
67
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level Input Voltage
VIH
VCC=2.0V
1.5
V
VCC=4.5V
3.15
V
VCC=6.0V
4.2
V
Low-level Input Voltage
VIL
VCC=2.0V
0.5
V
VCC=4.5V
1.35
V
VCC=6.0V
1.8
V
Low-Level Output Voltage
VOL
VCC=2.0V
IOL=20μA
0
0.1
V
VCC=4.5V
0
0.1
V
VCC=6.0V
0
0.1
V
VCC=4.5V
IOL=4.0mA
0.17
0.26
V
VCC=6.0V
IOL=5.2mA
0.18
0.26
V
Input Leakage Current
II(LEAK)
VCC=0~6V, VIN= VCC or GND
±0.1
μA
Output Leakage Current
IOZ
VCC=6.0V, VIN=VIL or VIH,
VOUT= VCC or GND
±0.5
μA
Quiescent Supply Current
ICC
VCC=6.0V, VIN= VCC or GND, IOUT=0
1.0
μA
Input Capacitance
CI
VCC=5.0V
5
pF
Output Capacitance
COUT
VCC =5.0V
3
pF


Similar Part No. - U74HC1G06G-AL5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC1G06G-AL5-R UTC-U74HC1G06G-AL5-R Datasheet
179Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
More results

Similar Description - U74HC1G06G-AL5-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ06 ONSEMI-NL17SZ06_12 Datasheet
107Kb / 6P
   Single Inverter with Open Drain Outputs
April, 2012 ??Rev. 7
NL17SZ05 ONSEMI-NL17SZ05 Datasheet
104Kb / 5P
   Single Inverter with Open Drain Outputs
November, 2013 ??Rev. P0
NL17SZ06 ONSEMI-NL17SZ06_15 Datasheet
77Kb / 6P
   Single Inverter with Open Drain Outputs
December, 2015 ??Rev. 9
NL17SZ06 ONSEMI-NL17SZ06 Datasheet
60Kb / 6P
   Single Inverter with Open Drain Outputs
January, 2005 ??Rev. 3
NL17SZ06 ONSEMI-NL17SZ06_18 Datasheet
190Kb / 13P
   Single Inverter with Open Drain Outputs
November, 2018 ??Rev. 10
NL17SZ05 ONSEMI-NL17SZ05_18 Datasheet
186Kb / 13P
   Single Inverter with Open Drain Outputs
November, 2018 ??Rev. 0
NLV17SZ06 ONSEMI-NLV17SZ06 Datasheet
71Kb / 5P
   Single Inverter with Open Drain Outputs
December, 2015 ??Rev. 0
logo
NXP Semiconductors
74HC3G06 PHILIPS-74HC3G06 Datasheet
88Kb / 14P
   Inverter with open-drain outputs
2003 Dec 02
logo
Unisonic Technologies
U74HCT3G06 UTC-U74HCT3G06 Datasheet
184Kb / 4P
   INVERTER WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74AUP1G06 TI1-SN74AUP1G06_17 Datasheet
1Mb / 44P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com