Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9-188275-0 Datasheet(PDF) 73 Page - Tyco Electronics

Part # 9-188275-0
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-188275-0 Datasheet(HTML) 73 Page - Tyco Electronics

Back Button 9-188275-0 Datasheet HTML 69Page - Tyco Electronics 9-188275-0 Datasheet HTML 70Page - Tyco Electronics 9-188275-0 Datasheet HTML 71Page - Tyco Electronics 9-188275-0 Datasheet HTML 72Page - Tyco Electronics 9-188275-0 Datasheet HTML 73Page - Tyco Electronics 9-188275-0 Datasheet HTML 74Page - Tyco Electronics 9-188275-0 Datasheet HTML 75Page - Tyco Electronics 9-188275-0 Datasheet HTML 76Page - Tyco Electronics 9-188275-0 Datasheet HTML 77Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 100 page
background image
73
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Cable Assembly Configurations
2.70 to 48
[70 to 1 220]
end-to-end
0 to 8
[0 to 205]
center-to-center
1.74 to 105
[45 to 2 665]
end-to-end
1.74 to 105
[45 to 2 665]
end-to-end
1.74 to 105
[45 to 2 665]
end-to-end
0 to 24
[0 to 610]
0 to 24
[0 to 610]
2.70 to 8
[70 to 205]
end-to-end
1.60 to 100
[40 to 2 540]
center-to-end
1.60 to 100
[40 to 2 540]
center-to-center
center-to-center
center-to-center
center-to-center
R-CAM 2A
R-CAM 3A
R-CAM 4
1.60 Min.
[40 Min.]
1.25 Min.
[30 Min.]
3 Min.
[75 Min.]
1.50 Min.
[35 Min.]
0 to 24
[0 to 610]


Similar Part No. - 9-188275-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-188275-0 MACOM-9-188275-0 Datasheet
4Mb / 18P
   AMP Micro-Match Miniature Connector System
More results

Similar Description - 9-188275-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5102321-4 MACOM-5102321-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com