Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

170M3411 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 170M3411
Description  Square Body ??Flush End Contact
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

170M3411 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  170M3411 Datasheet HTML 1Page - List of Unclassifed Manufacturers 170M3411 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Form No.
Page 1 of 2
BIF Doc #720019
Bussmann®
Square Body – Flush End Contact
690V/700V (IEC/U.L.)
40-2000A
Electrical Characteristics
Ordering Information
Curves
Losses
-BKN/-
-GKN/-
Rated
I2t (A2S)
at
-B/-
Type K
-G/-
Type K
Carton
Current
Clearing
Rated
Visual
Indicator
Visual
Indicator
Carton
Weight
Size
RMS-Amps
Pre-arc
at 660V
Current
Indicator
for Micro
Indicator
for Micro
Qty.
(kg)
BIF #
40
40
270
9
170M3408
170M3458
170M3508
170M3558
50
77
515
11
170M3409
170M3459
170M3509
170M3559
10
63
115
770
14
170M3410
170M3460
170M3510
170M3560
(-B/-)
2.40
80
185
1250
18
170M3411
170M3461
170M3511
170M3561
100
360
2450
21
170M3412
170M3462
170M3512
170M3562
125
550
3700
26
170M3413
170M3463
170M3513
170M3563
10
2.40
160
1100
7500
30
170M3414
170M3464
170M3514
170M3564
(-G/-)
200
2200
15000
35
170M3415
170M3465
170M3515
170M3565
1*
250
4200
28500
40
170M3416
170M3466
170M3516
170M3566
17056314
315
7000
46500
50
170M3417
170M3467
170M3517
170M3567
6
350
10000
68500
55
170M3418
170M3468
170M3518
170M3568
(-BKN/-)
1.62
400
15000
105000
60
170M3419
170M3469
170M3519
170M3569
450
21000
140000
65
170M3420
170M3470
170M3520
170M3570
500
27000
180000
70
170M3421
170M3471
170M3521
170M3571
6
1.62
550
34000
230000
75
170M3422
170M3472
170M3522
170M3572
(-GKN/-)
630
48500
325000
80
170M3423
170M3473
170M3523
170M3573
200
1650
11500
45
170M4408
170M4458
170M4508
170M4558
250
3100
21000
55
170M4409
170M4459
170M4509
170M4559
315
6200
42000
58
170M4410
170M4460
170M4510
170M4560
350
8500
59000
60
170M4411
170M4461
170M4511
170M4561
400
13500
91500
65
170M4412
170M4462
170M4512
170M4562
450
17000
120000
70
170M4413
170M4463
170M4513
170M4563
1
500
25000
170000
72
170M4414
170M4464
170M4514
170M4564
6
2.40
17056316
550
34000
230000
75
170M4415
170M4465
170M4515
170M4565
630
52000
350000
80
170M4416
170M4466
170M4516
170M4566
700
69500
465000
85
170M4417
170M4467
170M4517
170M4567
800
105000
725000
95
170M4418
170M4468
170M4518
170M4568
‡900
155000
‡850000
100
170M4419
170M4469
170M4519
170M4569
400
11000
74000
65
170M5408
170M5458
170M5508
170M5558
450
15500
105000
70
170M5409
170M5459
170M5509
170M5559
500
21500
145000
75
170M5410
170M5460
170M5510
170M5560
550
28000
190000
80
170M5411
170M5461
170M5511
170M5561
630
41000
275000
90
170M5412
170M5462
170M5512
170M5562
2
700
60500
405000
95
170M5413
170M5463
170M5513
170M5563
6
3.30
17056318
800
86000
575000
105
170M5414
170M5464
170M5514
170M5564
900
125000
840000
110
170M5415
170M5465
170M5515
170M5565
1000
180000
1250000
115
170M5416
170M5466
170M5516
170M5566
1100
245000
1600000
120
170M5417
170M5467
170M5517
170M5567
4
2.4
1250
365000
2400000
130
170M5418
170M5468
170M5518
170M5568
4
2.4
500
14000
95000
95
170M6408
170M6458
170M6508
170M6558
550
19500
135000
100
170M6409
170M6459
170M6509
170M6559
630
31000
210000
105
170M6410
170M6460
170M6510
170M6560
700
44500
300000
110
170M6411
170M6461
170M6511
170M6561
800
69500
465000
115
170M6412
170M6462
170M6512
170M6562
900
100000
670000
120
170M6413
170M6463
170M6513
170M6563
3
1000
140000
945000
125
170M6414
170M6464
170M6514
170M6564
3
2.52
1100
190000
1300000
130
170M6415
170M6465
170M6515
170M6565
17056320
1250
290000
1950000
140
170M6416
170M6466
170M6516
170M6566
1400
370000
2450000
155
170M6417
170M6467
170M6517
170M6567
1500
460000
3100000
160
170M6418
170M6468
170M6518
170M6568
1600
580000
3900000
160
170M6419
170M6469
170M6519
170M6569
2
1.82
†1800
880000
†5250000
165
170M6420
170M6470
170M6520
170M6570
2
1.82
‡2000
1150000
‡6350000
175
170M6421
170M6471
170M6521
170M6571
2
1.82
Interrupting rating 200kA (Estimated 300kA) RMS Symmetrical.
1 kg = 2.2 lbs.
1 lb = 0.45 kg
Watts loss provided at rated current.
Rated voltage (IEC) †600V ‡550V (Consult Bussmann for U.L. Recognition / CSA Component Acceptance Status.)
Microswitch indicator ordered separately.
7-11-01
SB01191
®
R


Similar Part No. - 170M3411

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170M3411 COOPER-170M3411 Datasheet
49Kb / 2P
   Square Body ??Flush End Contact
170M3411 COOPER-170M3411 Datasheet
49Kb / 2P
   Square Body Flush End Contact 690V/700V IEC/UL 40-2000A
More results

Similar Description - 170M3411

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
170M5961 IRI-170M5961 Datasheet
158Kb / 2P
   Square Body Flush End Contact
logo
Cooper Bussmann, Inc.
170M3408 COOPER-170M3408 Datasheet
49Kb / 2P
   Square Body ??Flush End Contact
logo
List of Unclassifed Man...
170M4489 ETC-170M4489 Datasheet
55Kb / 2P
   Square Body . Flush End Contact
logo
Cooper Bussmann, Inc.
170M3388 COOPER-170M3388 Datasheet
55Kb / 2P
   Square Body ??Flush End Contact 1250V/1300V (IEC/U.L.)
170M3558 COOPER-170M3558 Datasheet
49Kb / 2P
   Square Body Flush End Contact 690V/700V IEC/UL 40-2000A
170M6499 COOPER-170M6499 Datasheet
55Kb / 2P
   Square Body ??Flush End Contact 1250V/1300V (IEC/U.L.) 50-1400A
170M3488 COOPER-170M3488 Datasheet
55Kb / 2P
   Square Body Flush End Contact 1250V/1300V IEC/UL 50-1400A
170H0235 COOPER-170H0235 Datasheet
47Kb / 1P
   Square Body Accessories
logo
Littelfuse
LA070URD31LI350 LITTELFUSE-LA070URD31LI350 Datasheet
402Kb / 5P
   Square Body Semiconductor Fuses
logo
List of Unclassifed Man...
170M4139 ETC-170M4139 Datasheet
56Kb / 2P
   Square Body - DIN 43 653
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com