Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6449 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N6449
Description  600W TRANSIENT VOLTAGE SUPPRESSOR UNIDIRECTIONAL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N6449 Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N6449 Datasheet HTML 1Page - Digitron Semiconductors 1N6449 Datasheet HTML 2Page - Digitron Semiconductors 1N6449 Datasheet HTML 3Page - Digitron Semiconductors 1N6449 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20121016
1N6402-1N6456A
600W TRANSIENT VOLTAGE SUPPRESSOR
UNIDIRECTIONAL
MAXIMUM RATINGS
Parameter
Value
Peak power dissipation @ 25°C
600W
Tclamping (volts to BV min)
Less than 1 X 10-12 seconds
Operating and storage temperature range
-55 to +175°C
Forward surge rating @ 1/120 second @ 25°C
100A
Steady state power dissipation: TL = 75°C
5.0W
Duty cycle
0.05%
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Reverse
stand-off
voltage(1)
Breakdown voltage
Maximum
reverse
leakage @ VR
Maximum
clamping
voltage @ IPP
Maximum
peak pulse
current
BV
VR
Min
Max
IT
IR
VC
IPP
Maximum
voltage
temperature
variation of BV
Part number
Volts
Volts
mA
µA
Volts
A
mV/°C
1N6402
5.0
6.40
7.30
10
800
10.5
57.1
5.0
1N6402A
5.0
6.40
7.00
10
800
10.0
60.0
5.0
1N6403
6.0
6.67
8.15
10
800
11.4
52.5
5.0
1N6403A
6.0
6.67
7.37
10
800
10.6
56.6
5.0
1N6404
6.5
7.22
8.82
10
500
12.3
48.8
5.0
1N6404A
6.5
7.22
7.98
10
500
11.2
53.5
5.0
1N6405
7.0
7.78
9.51
10
200
13.3
45.1
6.0
1N6405A
7.0
7.78
8.60
10
200
12.0
50.0
6.0
1N6406
7.5
8.33
10.20
1
100
14.3
42.0
7.0
1N6406A
7.5
8.33
9.21
1
100
12.9
46.5
7.0
1N6407
8.0
8.89
10.90
1
50
15.0
40.0
7.0
1N6407A
8.0
8.89
9.83
1
50
13.6
44.1
7.0
1N6408
8.5
9.44
11.50
1
10
15.9
42.8
8.0
1N6408A
8.5
9.44
10.40
1
10
14.4
41.7
8.0
1N6409
9.0
10.00
12.20
1
5
16.9
40.5
9.0
1N6409A
9.0
10.00
11.10
1
5
15.4
39.0
9.0
1N6410
10
11.10
13.60
1
5
18.8
31.9
10
1N6410A
10
11.10
12.30
1
5
17.0
35.3
10
1N6411
11
12.20
14.90
1
5
20.1
29.9
11
1N6411A
11
12.20
13.50
1
5
18.2
33.0
11
1N6412
12
13.30
16.30
1
5
22.0
27.8
12
1N6412A
12
13.30
14.70
1
5
19.9
30.2
12
1N6413
13
14.40
17.60
1
5
23.8
25.2
13
1N6413A
13
14.40
15.90
1
5
21.5
27.9
13
1N6414
14
15.60
19.10
1
5
25.8
23.3
14
1N6414A
14
15.60
17.20
1
5
23.2
25.9
14
1N6415
15
16.70
20.40
1
5
26.9
22.3
16
1N6415A
15
16.70
18.50
1
5
24.4
24.6
16


Similar Part No. - 1N6449

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
1N64 AMMSEMI-1N64 Datasheet
1Mb / 2P
   GERMANIUM DIODES
1N64 AMMSEMI-1N64 Datasheet
1Mb / 2P
   GERMANIUM DOIDES
logo
New Jersey Semi-Conduct...
1N6402 NJSEMI-1N6402 Datasheet
129Kb / 2P
   Transient Voltage Suppressors
1N6415 NJSEMI-1N6415 Datasheet
74Kb / 1P
   UNIDIRECTIONAL TRANSIENT SUPPRESSOR
logo
Microsemi Corporation
1N643 MICROSEMI-1N643 Datasheet
147Kb / 3P
   COMPUTER DIODE Switching
More results

Similar Description - 1N6449

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P6KE COMCHIP-P6KE Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com