Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6439A Datasheet(PDF) 3 Page - Digitron Semiconductors

Part # 1N6439A
Description  600W TRANSIENT VOLTAGE SUPPRESSOR UNIDIRECTIONAL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N6439A Datasheet(HTML) 3 Page - Digitron Semiconductors

  1N6439A Datasheet HTML 1Page - Digitron Semiconductors 1N6439A Datasheet HTML 2Page - Digitron Semiconductors 1N6439A Datasheet HTML 3Page - Digitron Semiconductors 1N6439A Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20121016
1N6402-1N6456A
600W TRANSIENT VOLTAGE SUPPRESSOR
UNIDIRECTIONAL
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Reverse
stand-off
voltage(1)
Breakdown voltage
Maximum
reverse
leakage @ VR
Maximum
clamping
voltage @
IPP
Maximum
peak pulse
current
BV
VR
Min
Max
IT
IR
VO
IPP
Maximum
voltage
temperature
variation of
BV
Part number
Volts
Volts
mA
µA
Volts
A
mV/°C
1N6435A
64
71.10
78.60
1
5
103.0
5.7
82
1N6436
70
77.80
95.10
1
5
125
4.8
100
1N6436A
70
77.80
86.00
1
5
113
5.3
90
1N6437
75
83.30
102.00
1
5
134
4.5
108
1N6437A
75
83.30
92.10
1
5
121
5.0
97
1N6438
78
86.70
106.00
1
5
139
4.3
112
1N6438A
78
86.70
95.80
1
5
126
4.7
102
1N6439
85
94.40
115.00
1
5
151
4.0
123
1N6439A
85
94.40
104.00
1
5
137
4.4
110
1N6440
90
100.00
122.00
1
5
160
3.8
130
1N6440A
90
100.00
111.00
1
5
146
4.1
118
1N6441
100
111.00
136.00
1
5
179
3.4
145
1N6441A
100
111.00
123.00
1
5
162
3.7
132
1N6442
110
122.00
149.00
1
5
199
3.0
159
1N6442A
110
122.00
135.00
1
5
177
3.4
144
1N6443
120
133.00
163.00
1
5
220
2.7
176
1N6443A
120
133.00
147.00
1
5
196
3.0
157
1N6444
130
144.00
176.00
1
5
241
2.5
190
1N6444A
130
144.00
159.00
1
5
214
2.8
172
1N6445
150
167.00
204.00
1
5
283
2.1
220
1N6445A
150
167.00
185.00
1
5
255
2.4
200
1N6446
160
178.00
218.00
1
5
305
2.0
235
1N6446A
160
178.00
197.00
1
5
273
2.2
213
1N6447
170
189.00
231.00
1
5
328
1.8
254
1N6447A
170
189.00
209.00
1
5
293
2.0
226
1N6448
180
200.00
244.00
5
5
346
1.7
263
1N6448A
180
200.00
221.00
5
5
309
1.9
239
1N6449
200
222.00
271.00
5
5
360
1.5
298
1N6449A
200
222.00
245.00
5
5
322
1.5
270
1N6450
220
245.00
299.00
5
5
401
1.5
329
1N6450A
220
245.00
271.00
5
5
360
1.5
298
1N6451
240
267.00
326.00
5
5
440
1.5
359
1N6451A
240
267.00
295.00
5
5
395
1.5
325
1N6452
260
289.00
353.00
5
5
476
1.5
388
1N6452A
260
289.00
319.00
5
5
430
1.5
378
1N6453
280
311.00
380.00
5
5
524
1.5
418
1N6453A
280
311.00
344.00
5
5
465
1.5
378
1N6454
300
333.00
407.00
5
5
561
1.5
448


Similar Part No. - 1N6439A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N643 MICROSEMI-1N643 Datasheet
147Kb / 3P
   COMPUTER DIODE Switching
logo
List of Unclassifed Man...
1N643 ETC1-1N643 Datasheet
266Kb / 6P
   silicon diode
logo
New Jersey Semi-Conduct...
1N6435A NJSEMI-1N6435A Datasheet
92Kb / 1P
   UNIDIRECTIONAL TRANSIENT SUPPRESSOR
logo
List of Unclassifed Man...
1N643A ETC1-1N643A Datasheet
266Kb / 6P
   silicon diode
More results

Similar Description - 1N6439A

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P6KE COMCHIP-P6KE Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com