Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G66QDCKRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G66QDCKRQ1
Description  SINGLE BILATERAL ANALOG SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G66QDCKRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC1G66QDCKRQ1 Datasheet HTML 1Page - Texas Instruments SN74LVC1G66QDCKRQ1 Datasheet HTML 2Page - Texas Instruments SN74LVC1G66QDCKRQ1 Datasheet HTML 3Page - Texas Instruments SN74LVC1G66QDCKRQ1 Datasheet HTML 4Page - Texas Instruments SN74LVC1G66QDCKRQ1 Datasheet HTML 5Page - Texas Instruments SN74LVC1G66QDCKRQ1 Datasheet HTML 6Page - Texas Instruments SN74LVC1G66QDCKRQ1 Datasheet HTML 7Page - Texas Instruments SN74LVC1G66QDCKRQ1 Datasheet HTML 8Page - Texas Instruments SN74LVC1G66QDCKRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SN74LVC1G66Q1
SINGLE BILATERAL ANALOG SWITCH
SCES499D − OCTOBER 2003 − REVISED JANUARY 2008
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V
VCC = 5 V
UNIT
PARAMETER
TEST CONDITIONS
TYP
TYP
TYP
TYP
UNIT
Cpd
Power dissipation capacitance
f = 10 MHz
8
9
9
11
pF


Similar Part No. - SN74LVC1G66QDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G66 TI-SN74LVC1G66 Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
logo
Guangdong Youtai Semico...
SN74LVC1G66 UMW-SN74LVC1G66 Datasheet
348Kb / 20P
   SN74LVC1G66
logo
Texas Instruments
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1 Datasheet
187Kb / 11P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   SN74LVC1G66-Q1 Single Bilateral Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com