Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5111595-2 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 5111595-2
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5111595-2 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 5111595-2 Datasheet HTML 5Page - Tyco Electronics 5111595-2 Datasheet HTML 6Page - Tyco Electronics 5111595-2 Datasheet HTML 7Page - Tyco Electronics 5111595-2 Datasheet HTML 8Page - Tyco Electronics 5111595-2 Datasheet HTML 9Page - Tyco Electronics 5111595-2 Datasheet HTML 10Page - Tyco Electronics 5111595-2 Datasheet HTML 11Page - Tyco Electronics 5111595-2 Datasheet HTML 12Page - Tyco Electronics 5111595-2 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 100 page
background image
9
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Double Row Receptacle
Material and Finish
Housing — Black thermoplastic,
UL 94V-0 rated
Latches — Stainless steel
Contacts — Phosphor bronze, plated
30 microinch gold over nickel with tin
in termination area
Related Product Data
Mateable Connectors —
See AMP Catalog 82178
See Part Numbers 104068 and 104069
Series on pages 10 and 11
Mates with Posts — .015 [0.38]
square, .125 [3.18] long, on
.050 x .100 [1.27 x 2.54] grid
Technical Documents
Product Specification
108-1109
Application Specification
114-25029
No. of
Dimensions
Pos.
ABCD
E
F
Part Number
.510
.445
.225
.200
.096
.294
10
12.95
11.30
5.72
5.08
2.44
7.47
2-111196-5
.610
.545
.325
.300
.146
.394
14
15.49
13.84
8.26
7.62
3.71
10.01
2-111196-6
.660
.595
.375
.350
.171
.444
16
16.76
15.11
9.52
8.89
4.34
11.28
2-111196-7
.760
.695
.475
.450
.221
.544
20
19.30
17.65
12.07
11.43
5.61
13.82
1-111196-8
.860
.795
.575
.550
.271
.644
24
20.32
20.19
14.61
13.97
6.88
16.36
2-111196-8
.910
.845
.625
.600
.296
.694
26
23.11
21.46
15.88
15.24
7.52
17.63
2-111196-9
1.010
.945
.725
.700
.346
.794
30
25.65
24.00
18.42
17.78
8.79
20.17
1-111196-9
1.110
1.045
.825
.800
.396
.894
34
28.19
26.54
20.96
20.32
10.06
22.71
3-111196-0
1.260
1.195
.975
.950
.471
1.044
40
32.00
30.35
34.54
24.13
11.96
26.52
2-111196-0
1.360
1.295
1.075
1.050
.521
1.144
44
34.54
32.89
27.31
26.67
13.23
29.06
3-111196-1
1.510
1.445
1.225
1.200
.596
1.294
50
38.35
36.70
31.12
30.48
15.14
32.87
2-111196-1
1.760
1.695
1.475
1.450
.721
1.544
60
44.70
43.05
37.47
36.83
18.31
39.22
2-111196-2
1.860
1.795
1.575
1.550
.771
1.644
64
47.24
45.59
40.00
39.37
19.58
41.76
3-111196-2
1.960
1.895
1.675
1.650
.821
1.744
68
49.78
48.13
42.55
41.91
20.85
44.30
3-111196-4
2.060
1.995
1.775
1.750
.871
1.844
72
52.32
50.67
45.08
44.45
22.12
46.84
2-111196-3
2.260
2.195
1.975
1.950
.971
2.044
80
57.40
55.75
50.17
49.53
24.66
51.92
3-111196-3
2.760
2.695
2.475
2.450
1.221
2.544
100
70.10
68.45
62.87
62.23
31.01
64.62
2-111196-4
See Application Specification for termination tooling.
Note: All part numbers are RoHS compliant.
.254
[6.45]
.228
[5.79]
.054
[1.37]
.430
[10.92]
.102
[2.59]
.228
[5.80]
.335
[8.51]
.246
[6.25]
.580
[14.73]
Before
Termination
.198
[5.03]
.100
[2.54]
.100
[2.54]
.050
[1.27]
F
E
D
A
Cover
Latch
Contact
Housing
Typ.
Position #1
Indicator
C
B
System 50 Cable-to-Board Connectors,
.025 [0.64] Centerline Ribbon Cable (Continued)


Similar Part No. - 5111595-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5111595-2 MACOM-5111595-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
5111595-2 MACOM-5111595-2 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 5111595-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5102321-4 MACOM-5102321-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com