Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6132A Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N6132A
Description  BIDIRECTIONAL TRANSIENT SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N6132A Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N6132A Datasheet HTML 1Page - Digitron Semiconductors 1N6132A Datasheet HTML 2Page - Digitron Semiconductors 1N6132A Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N6103(A)-1N6137(A)
BIDIRECTIONAL TRANSIENT SUPPRESSORS
1N6139(A) - 1N6173(A)
MAXIMUM RATINGS
Operating and storage temperature:
-55 to +175°C
Impulse repetition rate (duty factor):
0.01%
Solder temperatures:
260°C for 10 s (maximum)
Thermal resistance @ 3/8” lead length:
33.5°C/W for 1N6103 through 1N6137A
20.0°C for 1N6139 through 1N6173A
Peak pulse power @ 25°C:
500W for 1N6103 to 1N6137A
1500W for 1N6139 to 1N6137A @ 10/1000µs
Steady state power @ TL = 75°C @ 3/8” lead length from body:
3.0W for 1N6103 to 1N6137A
5.0W for 1N6139 to 1N6139 to 1N6173A
Steady state power @ TA = 25°C:
2.0W for 1N6103 to 1N6137A
3.0W for 1N6139 to 1N6173A
ELECTRICAL CHARACTERISTICS
Type
Breakdown
Voltage
V(BR)
Min
Test
Current
lT
Working
Peak
Voltage
VWM
Max Leakage
Current
lD
Max
Clamping
Voltage
VC(MAX)
Max
Peak
Pulse Current
lP
Max.
Temp.
Coef. of
V(BR)
500W
1500W
Vdc
mAdc
Vdc
μAdc
μAdc
V(pk)
A(pk)
A(pk)
%/°C
1N6103A
1N6139A
7.13
175
5.7
50
300
11.2
44.6
133.9
.06
1N6104A
1N6140A
7.79
150
6.2
20
100
12.1
41.3
124.0
.06
1N6105A
1N6141A
8.65
150
6.9
20
100
13.4
37.3
111.9
.06
1N6106A
1N6142A
9.50
125
7.6
20
100
14.5
34.5
103.4
.07
1N6107A
1N6143A
10.45
125
8.4
20
20
15.6
32.0
96.2
.07
1N6108A
1N6144A
11.40
100
9.1
20
20
16.9
29.6
88.8
.07
1N6109A
1N6145A
12.35
100
9.9
20
20
18.2
27.5
82.4
.08
1N6110A
1N6146A
14.25
75
11.4
20
20
21.0
23.8
71.4
.08
1N6111A
1N6147A
15.20
75
12.2
20
20
22.3
22.4
67.3
.08
1N6112A
1N6148A
17.10
65
13.7
1
10
25.1
19.9
59.8
.085
1N6113A
1N6149A
19.0
65
15.2
1
5
27.7
18.0
54.2
.085
1N6114A
1N6150A
20.9
50
16.7
1
5
30.5
16.4
49.2
.085
1N6115A
1N6151A
22.8
50
18.2
1
5
33.3
15.0
45.0
.09
1N6116A
1N6152A
25.7
50
20.6
1
5
37.4
13.4
40.1
.09
1N6117A
1N6153A
28.5
40
22.8
1
5
41.6
12.0
36.0
.09
1N6118A
1N6154A
31.4
40
25.1
1
5
45.7
10.9
32.8
.095
1N6119A
1N6155A
34.2
30
27.4
1
5
49.9
10.0
30.1
.095
1N6120A
1N6156A
37.1
30
29.7
1
5
53.6
9.3
28.0
.095
1N6121A
1N6157A
40.9
30
32.7
1
5
59.1
8.5
25.4
.095
1N6122A
1N6158A
44.7
25
35.8
1
5
64.6
7.7
23.2
.095
1N6123A
1N6159A
48.5
25
38.8
1
5
70.1
7.1
21.4
.095
1N6124A
1N6160A
53.2
20
42.6
1
5
77.0
6.5
19.5
.095
1N6125A
1N6161A
58.9
20
47.1
1
5
85.3
5.9
17.6
.100
1N6126A
1N6162A
64.6
20
51.7
1
5
97.1
5.1
15.4
.100
1N6127A
1N6163A
71.3
20
56.0
1
5
103.1
4.8
14.5
.100
1N6128A
1N6164A
77.9
15
62.2
1
5
112.8
4.4
13.3
.100
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120821


Similar Part No. - 1N6132A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6132A SEMTECH-1N6132A Datasheet
31Kb / 2P
   QPL 500 Watt Axial Leaded TVS
logo
Microsemi Corporation
1N6132A MICROSEMI-1N6132A Datasheet
104Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
1N6132A MICROSEMI-1N6132A Datasheet
108Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
logo
Sensitron
1N6132A SENSITRON-1N6132A Datasheet
55Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSER DIODES
1N6132A SENSITRON-1N6132A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
More results

Similar Description - 1N6132A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6103 MICROSEMI-1N6103 Datasheet
104Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
1N6103 MICROSEMI-1N6103 Datasheet
108Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
60KS200C MICROSEMI-60KS200C Datasheet
71Kb / 2P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Comchip Technology
CEE COMCHIP-CEE Datasheet
111Kb / 2P
   Bidirectional ESD / Transient Suppressors
logo
Microsemi Corporation
1N6267 MICROSEMI-1N6267_09 Datasheet
234Kb / 5P
   Unidirectional & Bidirectional Transient Voltage Suppressors
1.5KE18CA MICROSEMI-1.5KE18CA Datasheet
257Kb / 5P
   Unidirectional & Bidirectional Transient Voltage Suppressors
logo
Lite-On Technology Corp...
SMA6.8 LITEON-SMA6.8 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
P4KE10 HY-P4KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE HY-P4KE_V01 Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1-5KE10C HY-1-5KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com