Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM1 Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # ZMM1
Description  0.5W SILICON PLANAR ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

ZMM1 Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  ZMM1 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech ZMM1 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech ZMM1 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech ZMM1 Datasheet HTML 4Page - Shanghai Lunsure Electronic Tech ZMM1 Datasheet HTML 5Page - Shanghai Lunsure Electronic Tech ZMM1 Datasheet HTML 6Page - Shanghai Lunsure Electronic Tech ZMM1 Datasheet HTML 7Page - Shanghai Lunsure Electronic Tech ZMM1 Datasheet HTML 8Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CE
ZMM1 THRU ZMM200
CHENYI ELECTRONICS
0.5W SILICON PLANAR ZENER DIODES
ZMM1 THRU ZMM200 SILICON PLANAR ZENER DIODES
of zener voltage
Vznom 3)
TKVZ
v
mA
V
mA
A
A
V
%/K
ZMM1
3)
0.75
0.7…0.8
<8
<50
--
--
--
-0.26…-0.23
ZMM2.0
2.0
1.9…2.1
<100
<200
-0.09…-0.06
ZMM2.4
2.4
2.28…2.56
<50
<100
-0.09…-0.06
ZMM2.7
2.7
2.5…2.9
<10
<50
-0.09…-0.06
ZMM3.0
3.0
2.8…3.2
<4
-0.08…-0.05
ZMM3.3
3.3
3.1…3.5
<2
-0.08…-0.05
ZMM3.6
3.6
3.4…3.8
<2
-0.08…-0.05
ZMM3.9
3.9
3.7…4.1
<2
-0.08…-0.05
ZMM4.3
4.3
4.0…4.6
<75
<1
<20
-0.06…-0.03
ZMM4.7
4.7
4.4…5.0
<60
<0.5
<10
-0.05…+0.05
ZMM5.1
5.1
4.8…5.4
<35
<550
-0.02…+0.02
ZMM5.6
5.6
5.2…6.0
<25
<450
-0.05…+0.05
ZMM6.2
6.2
5.8…6.6
<10
<200
2
0.03…0.06
ZMM6.8
6.8
6.4…7.2
<8
<150
3
0.03…0.07
ZMM7.5
7.5
7.0…7.9
<7
5
0.03…0.08
ZMM8.2
8.2
7.7…8.7
<7
6.2
0.03…0.09
ZMM9.1
9.1
8.5…9.6
<10
6.8
0.03…0.1
ZMM10
10
9.4…10.6
<15
<70
7.5
0.03…0.11
ZMM11
11
10.4…11.6
<20
<70
8.2
0.03…0.11
ZMM12
12
11.4…12.7
<20
<90
9.1
0.03…0.11
ZMM13
13
12.4…14.1
<26
<110
10
0.03…0.11
ZMM15
15
13.8…15.6
<30
<110
11
0.03…0.11
ZMM16
16
15.3…17.1
<40
<170
12
0.03…0.11
ZMM18
18
16.8…19.1
<50
<170
13
0.03…0.11
ZMM20
20
18.8…21.2
<55
15
0.03…0.11
ZMM22
22
20.8…23.3
<55
16
ZMM24
24
22.8…25.6
18
ZMM27
27
25.1…28.9
20
ZMM30
30
28…32
22
ZMM33
33
31…35
24
ZMM36
36
34…38
27
ZMM39
39
37…41
30
ZMM43
43
40…46
33
ZMM47
47
44…50
<110
<600
36
ZMM51
51
48...54
<125
39
ZMM56
56
52…60
<135
43
ZMM62
62
58…66
<150
47
ZMM68
68
64…72
<200
51
ZMM75
75
70…79.
<250
56
ZMM82
82
77…87
<300
<1500
0.25
62
ZMM91
91
85…96
<450
<2000
68
ZMM100
100
94…106
<450
75
ZMM110
110
104…116
<600
82
ZMM120
120
114…127.
<800
<5500
91
ZMM130
130
124…141
<950
<6000
100
ZMM150
150
138…156
<1250
<6500
110
ZMM160
160
153…171
<1400
<7000
120
ZMM180
180
168…191
<1700
<8500
130
ZMM200
200
188…212
<2000
<10000
150
1) Tested with pluse tp=20ms
2) Valid provided that electrodes are kept at amibent temperature
3) The ZMM1 is a silicon diode with operation in forward direction. Hence,the index of all parameters should be "F" instead of "Z",
Connect the cathode to the negative pole.
Type
Zener Voltage range 1)
Dynamic resistance 1)
IZT
rZjt and rZjk at IZK
<1000
Maximum reverse Leakage Current
IR and IR at VR 2)
<50
<40
<0.1
<2
<5
<10
1
1
<85
<80
<90
5
2.5
0.05…0.12
0.04…0.12
<5000
1
0.1
<600
<220
<500
<700
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 2 of 8


Similar Part No. - ZMM1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMM1 SEMTECH-ZMM1 Datasheet
594Kb / 8P
   SILICON PLANAR POWER ZENER DIODES?
logo
Suntan Capacitors
ZMM1 SUNTAN-ZMM1 Datasheet
1Mb / 8P
   In MiniMELF case especially for automatic insertion
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
ZMM1 DGNJDZ-ZMM1 Datasheet
170Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
GOOD-ARK Electronics
ZMM1 GOOD-ARK-ZMM1 Datasheet
627Kb / 8P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - ZMM1

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N5221THRU1N5281 CHENYI-1N5221THRU1N5281 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
   0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZX55-B2V0 JINGHENG-BZX55-B2V0 Datasheet
128Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N5221 JINANJINGHENG-1N5221 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com