Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH610A-2X006 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SFH610A-2X006
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH610A-2X006 Datasheet(HTML) 1 Page - Vishay Siliconix

  SFH610A-2X006 Datasheet HTML 1Page - Vishay Siliconix SFH610A-2X006 Datasheet HTML 2Page - Vishay Siliconix SFH610A-2X006 Datasheet HTML 3Page - Vishay Siliconix SFH610A-2X006 Datasheet HTML 4Page - Vishay Siliconix SFH610A-2X006 Datasheet HTML 5Page - Vishay Siliconix SFH610A-2X006 Datasheet HTML 6Page - Vishay Siliconix SFH610A-2X006 Datasheet HTML 7Page - Vishay Siliconix SFH610A-2X006 Datasheet HTML 8Page - Vishay Siliconix SFH610A-2X006 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Alternative Device Available
SFH610A, SFH6106
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 23-May-13
1
Document Number: 83666
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
DESCRIPTION
The SFH610A (DIP) and SFH6106 (SMD) feature a high
current transfer ratio, low coupling capacitance and high
isolation voltage. These couplers have a GaAs infrared
diode emitter, which is optically coupled to a silicon planar
phototransistor detector, and is incorporated in a plastic
DIP-4 or SMD package.
The coupling devices are designed for signal transmission
between two electrically separated circuits.
The couplers are end-stackable with 2.54 mm spacing.
Creepage and clearance distances of > 8.0 mm are
achieved with option 6. This version complies with
IEC 60950 (DIN VDE 0805) for reinforced insulation up to
an operation voltage of 400 VRMS or DC. Specifications
subject to change.
FEATURES
• Good CTR linearity depending on forward
current
• Isolation test voltage, 5300 VRMS
• High collector emitter voltage, VCEO = 70 V
• Low saturation voltage
• Fast switching times
• Low CTR degradation
• Temperature stable
• Low coupling capacitance
• End stackable, 0.100" (2.54 mm) spacing
• High common mode interference immunity
• Lead (Pb)-free component
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
AGENCY APPROVALS
• UL1577, file no. E52744 system code H or J, double
protection
• DIN EN 60747-5-5 (VDE 0884) available with option 1
• CSA 93751
• BSI IEC 60950; IEC 60065
Note
• For additional information on the available options refer to option information.
1
2
4
3
E
C
A
C
SFH610A
i179056
E
C
A
C
1
2
4
3
SFH6106
ORDERING INFORMATION
PART
REMARKS
SFH610A-1
CTR 40 % to 80 %, DIP-4
SFH610A-2
CTR 63 % to 125 %, DIP-4
SFH610A-3
CTR 100 % to 200 %, DIP-4
SFH610A-4
CTR 160 % to 320 %, DIP-4
SFH610A-5
CTR 250 % to 500 %, DIP-4
SFH6106-1
CTR 40 % to 80 %, SMD-4
SFH6106-2
CTR 63 % to 125 %, SMD-4
SFH6106-3
CTR 100 % to 200 %, SMD-4
SFH6106-4
CTR 160 % to 320 %, SMD-4
SFH6106-5T
CTR 250 % to 500 %, SMD-4, tape and reel
SFH610A-1X006
CTR 40 % to 80 %, DIP-4 400 mil
SFH610A-1X018T
CTR 40 % to 80 %, SMD-4 400 mil, wide leadspread
SFH610A-2X006
CTR 63 % to 125 %, DIP-4 400 mil
SFH610A-3X006
CTR 100 % to 200 %, DIP-4 400 mil
SFH610A-3X007
CTR 100 % to 200 %, SMD-4
SFH610A-4X006
CTR 160 % to 320 %, DIP-4 400 mil


Similar Part No. - SFH610A-2X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH610A-2X006 VISHAY-SFH610A-2X006 Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH610A-2X006 VISHAY-SFH610A-2X006 Datasheet
163Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 10-Dec-08
SFH610A-2X006 VISHAY-SFH610A-2X006 Datasheet
163Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 27-Jun-16
SFH610A-2X006 VISHAY-SFH610A-2X006 Datasheet
192Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.5, 28-Mar-18
SFH610A-2X006 VISHAY-SFH610A-2X006 Datasheet
178Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
More results

Similar Description - SFH610A-2X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.3, 28-Oct-14
SFH6156 VISHAY-SFH6156 Datasheet
148Kb / 8P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.7, 19-Oct-15
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH615A-3X018T VISHAY-SFH615A-3X018T_V02 Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6156 VISHAY-SFH6156_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2022
SFH615AA VISHAY-SFH615AA_08 Datasheet
116Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.6, 10-Jan-08
SFH6156-3T VISHAY-SFH6156-3T Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 14-Jan-13
SFH615A VISHAY-SFH615A_15 Datasheet
197Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.4, 31-Aug-15
SFH6156 VISHAY-SFH6156_V02 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
01-Jan-2023
SFH6106-4T VISHAY-SFH6106-4T Datasheet
163Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 10-Dec-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com