Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6275A Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N6275A
Description  UNIDIRECTIONAL AND BIDRECTIONAL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N6275A Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N6275A Datasheet HTML 1Page - Digitron Semiconductors 1N6275A Datasheet HTML 2Page - Digitron Semiconductors 1N6275A Datasheet HTML 3Page - Digitron Semiconductors 1N6275A Datasheet HTML 4Page - Digitron Semiconductors 1N6275A Datasheet HTML 5Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N6267-1N6303A
UNIDIRECTIONAL AND BIDRECTIONAL
TRANSIENT VOLTAGE SUPPRESSORS
FEATURES
Available in both Unidirectional and Bidirectional (add C or CA suffix for bidirectional)
Voltages from 6.8 to 180 V Breakdown (VBR)
Suppresses transients up to 1500 watts @ 10/1000 μs (see Figure 1)
Power rating = 1500 watts
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Peak Pulse Power Dissipation at 25°C:
1500 watts @ 10/1000μs (see Figures 1, 2, & 3)
Impulse Repetition Rate (duty factor):
0.01%
tclamping (0 volts to V(BR) min:
<100 ps theoretical for unidirectional and <5 ns for bidirectional
Operating and Storage Temperature:
-65°C to +150°C
Thermal Resistance:
22°C/W junction to lead at 3/8”(10mm) from body, or 82°C/W
junction to ambient when mounted on FR4 PC board with 4mm2
copper pads (1oz) and track width 1mm, length 25mm
Steady-State Power Dissipation:
5 watts at TL=40°C or 1.52 watts @ TA=25°C when mounted on FR4
PC board described for thermal resistance
Forward Surge:
200 Amps peak impulse of 8.3ms half-sine wave at 25°C
(unidirectional only)
Solder Temperature:
260°C for 10 s (maximum)
ELECTRICAL CHARACTERISTICS
Rated
Standoff
Voltage
VWM
(Note 1)
Breakdown Voltage
V(BR) @ l(BR)
Maximum
Clamping
Voltage
VC @ lPP
Maximum
Standby
Current
lD @ VWM
Maximum
Pulse Current
lPP
(Fig. 2)
Maximum
Temperature
Coefficient of
V(BR)
αV(BR)
Volts
Volts
Type
Number
Volts
Min
Max
mA
Volts
μA
A
%/°C
1N6267
5.50
6.12
7.48
10
10.8
1000
139.0
.057
1N6267A
5.80
6.45
7.14
10
10.5
1000
143.0
.057
1N6268
6.05
6.75
8.25
10
11.7
500
128.0
.061
1N6268A
6.40
7.13
7.88
10
11.3
500
132.0
.061
1N6269
6.63
7.38
9.02
10
12.5
200
120.0
.065
1N6269A
7.02
7.79
8.61
10
12.1
200
124.0
.065
1N6270
7.37
8.19
10.00
1
13.8
50
109.0
.068
1N6270A
7.78
8.65
9.55
1
13.4
50
112.0
.068
1N6271
8.10
9.00
11.00
1
15.0
10
100.0
.073
1N6271A
8.55
9.50
10.50
1
14.5
10
103.0
.073
1N6272
8.92
9.90
12.10
1
16.2
5
93.0
.075
1N6272A
9.40
10.50
11.60
1
15.6
5
96.0
.075
1N6273
9.72
10.80
13.20
1
17.3
5
87.0
.078
1N6273A
10.22
11.40
12.60
1
16.7
5
90.0
.078
1N6274
10.50
11.70
14.30
1
19.0
5
79.0
.081
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120912


Similar Part No. - 1N6275A

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
1N6275A DAESAN-1N6275A Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
1N6275A TRSYS-1N6275A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1N6275A DAESAN-1N6275A Datasheet
1Mb / 6P
   POWER 1500Watts VOLTAGE 6.8 to 440 Volts
logo
Shenzhen Luguang Electr...
1N6275A LUGUANG-1N6275A Datasheet
191Kb / 4P
   BREAKDOWN VOLTAGE: 6.8 --- 200V PEAK PULSE POWER: 1500 W
logo
Vishay Siliconix
1N6275A VISHAY-1N6275A Datasheet
110Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
More results

Similar Description - 1N6275A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
TPK15KPXX SMC-TPK15KPXX Datasheet
131Kb / 4P
   Unidirectional and Bidirectional
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8 YFWDIODE-P4KE6.8 Datasheet
97Kb / 3P
   Unidirectional And Bidirectional
logo
HY ELECTRONIC CORP.
SMCJ10 HY-SMCJ10_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL
logo
STMicroelectronics
BZW06 STMICROELECTRONICS-BZW06 Datasheet
446Kb / 9P
   Unidirectional and bidirectional types
April 2017 Rev 4
logo
Digitron Semiconductors
1.5KE6.8 DIGITRON-1.5KE6.8 Datasheet
526Kb / 5P
   1500W UNIDIRECTIONAL AND BIDIRECTIONAL
logo
Microsemi Corporation
SMC MICROSEMI-SMC Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SML MICROSEMI-SML Datasheet
138Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
HY ELECTRONIC CORP.
1.5KEG HY-1.5KEG Datasheet
473Kb / 4P
   Unidirectional and Bidirectional TransientVoltage Suppressors
logo
Weitron Technology
WT-Z206V-AU4 WEITRON-WT-Z206V-AU4 Datasheet
193Kb / 1P
   Zener Diode Chips for ESD Bidrectional Protection
logo
Lite-On Technology Corp...
SMA6.8 LITEON-SMA6.8 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com