Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6113A Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 1N6113A
Description  BIDIRECTIONAL TRANSIENT SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N6113A Datasheet(HTML) 2 Page - Digitron Semiconductors

  1N6113A Datasheet HTML 1Page - Digitron Semiconductors 1N6113A Datasheet HTML 2Page - Digitron Semiconductors 1N6113A Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N6103(A) - 1N6137(A)
BIDIRECTIONAL TRANSIENT SUPPRESSORS
1N6139(A) - 1N6173(A)
ELECTRICAL CHARACTERISTICS
Type
Breakdown
Voltage
V(BR)
Min
Test
Current
lT
Working
Peak
Voltage
VWM
Max Leakage
Current
lD
Max
Clamping
Voltage
VC(MAX)
Max
Peak
Pulse Current
lP
Max.
Temp.
Coef. of
V(BR)
500W
1500W
Vdc
mAdc
Vdc
μAdc
μAdc
V(pk)
A(pk)
A(pk)
%/°C
1N6129A
1N6165A
86.5
15
69.2
1
5
125.1
4.0
12.0
.100
1N6130A
1N6166A
95.0
12
76.0
1
5
137.6
3.6
10.9
.100
1N6131A
1N6167A
104.5
12
86.6
1
5
151.3
3.3
9.9
.100
1N6132A
1N6168A
114.0
10
91.2
1
5
165.1
3.0
9.1
.100
1N6133A
1N6169A
123.5
10
98.8
1
5
178.8
2.8
8.4
.105
1N6134A
1N6170A
142.5
8
114.0
1
5
206.3
2.4
7.3
.105
1N6135A
1N6171A
152.0
8
121.6
1
5
218.4
2.3
6.9
.105
1N6136A
1N6172A
171.0
5
136.8
1
5
245.7
2.0
6.1
.110
1N6137A
1N6173A
190.0
5
152.0
1
5
273.0
1.8
5.5
.110
Note 4
Note 4
Note 1
Note 1
Note 1
Note 2
Note 3
Note 1
Note 2
Note 3
Note 1
Note 1: Applies to both 500W & 1500W series
Note 2: Applies only to 500W series
Note 3: Applies only to 1500W series
Note 4: Non-A part has 5% higher max surge voltage. 5% lower V(BR) min., ISM
MECHANICAL CHARACTERISTICS
Case:
Passivated Glass
Marking:
Body Painted, Alpha-Numeric
Polarity:
No marking with bi-directional devices.
sales@digitroncorp.com
Dimensions
1N6139-1N6173
1N6139A-1N6173A
1500 W
Inches
Millimeters
Min
Max
Min
Max
BD
-
0.185
-
4.699
BL
-
0.195
-
4.953
LD
0.038
0.042
0.965
1.067
LL
1.000
-
25.400
-
Dimnsions
1N6103-1N6137
1N6103A-1N6137A
Inches
Millimeters
Min
Max
Min
Max
BD
-
0.135
-
3.429
BL
-
0.185
-
4.699
LD
0.028
0.032
0.711
0.813
LL
1.000
-
25.400
-
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120821


Similar Part No. - 1N6113A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6113A SEMTECH-1N6113A Datasheet
31Kb / 2P
   QPL 500 Watt Axial Leaded TVS
logo
Microsemi Corporation
1N6113A MICROSEMI-1N6113A Datasheet
104Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
1N6113A MICROSEMI-1N6113A Datasheet
108Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
logo
Sensitron
1N6113A SENSITRON-1N6113A Datasheet
55Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSER DIODES
1N6113A SENSITRON-1N6113A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
More results

Similar Description - 1N6113A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6103 MICROSEMI-1N6103 Datasheet
104Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
1N6103 MICROSEMI-1N6103 Datasheet
108Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
60KS200C MICROSEMI-60KS200C Datasheet
71Kb / 2P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Comchip Technology
CEE COMCHIP-CEE Datasheet
111Kb / 2P
   Bidirectional ESD / Transient Suppressors
logo
Microsemi Corporation
1N6267 MICROSEMI-1N6267_09 Datasheet
234Kb / 5P
   Unidirectional & Bidirectional Transient Voltage Suppressors
1.5KE18CA MICROSEMI-1.5KE18CA Datasheet
257Kb / 5P
   Unidirectional & Bidirectional Transient Voltage Suppressors
logo
Lite-On Technology Corp...
SMA6.8 LITEON-SMA6.8 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
P4KE10 HY-P4KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE HY-P4KE_V01 Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1-5KE10C HY-1-5KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com