Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6312 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 1N6312
Description  500 mW GLASS ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N6312 Datasheet(HTML) 2 Page - Digitron Semiconductors

  1N6312 Datasheet HTML 1Page - Digitron Semiconductors 1N6312 Datasheet HTML 2Page - Digitron Semiconductors 1N6312 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N6309 – 1N6355D
500 mW GLASS ZENER DIODES
ELECTRICAL CHARACTERISTICS
Max.
temperature
coefficient
VZ2
Nom.
+/-
5% @
lZ2
VZ1
Min.
@ Lz1
250μA
Test
Current
lZ2
Dynamic
impedance
ZZ @ lZ2
Dynamic
impedance
ZZK @
250μA
Max.
current
lZM
Voltage
reg.
VZ
(reg)
ΔVZ(2)
Surge
current
lZSM
8.3ms
square
wave
Reverse
voltage
VR
Max.
reverse
current
lR1 @
25°C
Max.
reverse
current
lR2 @
150°C
Max.
noise
density
ND @
250μA
1-3kHz
aVZ
Part
number(1)
Volts
Volts
mA
Ohms
Ohms
mA
Volts
Amps
Volts
µA
µA
µV/√Hz
%/°C
1N6337
36.0
33.7
3.4
50
600
12
1.75
0.260
27.0
0.05
10
100
+0.093
1N6338
39.0
36.6
3.2
55
700
11
1.90
0.240
30
0.05
10
100
+0.094
1N6339
43.0
40.4
3.0
65
800
9.9
2.10
0.220
33
0.05
10
80
+0.095
1N6340
47.0
44.2
2.7
75
900
9.0
2.25
0.200
36
0.05
10
80
+0.095
1N6341
51.0
48.0
2.5
85
1000
8.3
2.5
0.180
39
0.05
10
80
+0.096
1N6342
56.0
52.7
2.2
100
1200
7.6
2.7
0.170
43
0.05
10
80
+0.097
1N6343
62.0
58.4
2.0
125
1300
6.8
2.9
0.150
47
0.05
10
80
+0.099
1N6344
68.0
64.1
1.8
155
1500
6.3
3.2
0.13
52
0.05
10
80
+0.101
1N6345
75.0
70.8
1.7
180
1600
5.7
3.4
0.125
56
0.05
10
80
+0.103
1N6346
82.0
77.4
1.5
220
1800
5.2
3.8
0.115
62
0.05
10
80
+0.105
1N6347
91.0
86.0
1.4
270
2100
4.7
4.2
0.100
69
0.05
10
80
+0.108
1N6348
100.0
94.5
1.3
340
2400
4.3
4.4
0.095
76
0.05
10
80
+0.110
1N6349
110.0
104.0
1.1
500
2800
3.9
4.80
0.085
84
0.05
10
80
+0.110
1N6350
120.0
113.0
1.0
600
3200
3.5
5.2
0.080
91
0.05
10
80
+0.110
1N6351
130.0
122.0
0.95
850
4100
3.3
5.60
0.070
99
0.05
10
800
+0.110
1N6352
150.0
141
0.85
1000
4500
2.8
7.00
0.065
114
0.05
10
80
+0.110
1N6353
160.0
151
0.80
1200
5000
2.7
7.5
0.060
122
0.05
10
80
+0.110
1N6354
180.0
170
0.68
1500
5600
2.4
9.00
0.050
137
0.05
10
80
+0.110
1N6355
200.0
189
0.65
1800
6500
2.1
12.00
0.045
152
0.05
10
80
+0.110
Note 1: Standard tolerance is 5%. “C” suffix is 2% tolerance and “D” suffix is 1% tolerance.
Note 2: Voltage regulation VZ(reg) is the measured voltage change at thermal equilibrium between the current of 10% and 50% of maximum zener current (IZM) when the lead
temperature is maintained at 25°C = +8°C, -2°C.
Case
DO-35
Marking
Body painted, alpha-numeric
Polarity
Cathode band
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20121214


Similar Part No. - 1N6312

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6312 CDI-DIODE-1N6312 Datasheet
111Kb / 2P
   500 mW ZENER DIODES
logo
Microsemi Corporation
1N6312 MICROSEMI-1N6312 Datasheet
96Kb / 2P
   500 mW GLASS ZENER DIODES
1N6312 MICROSEMI-1N6312 Datasheet
132Kb / 2P
   500mW ZENER DIODES
logo
Sensitron
1N6312 SENSITRON-1N6312 Datasheet
127Kb / 4P
   ZENER 500mW VOLTAGE REGULATOR
logo
New Jersey Semi-Conduct...
1N6312 NJSEMI-1N6312 Datasheet
142Kb / 1P
   500 mW ZENER DIODES, NON CAVITY CONSTRUCTION, METALLURGICALLY BONDED
More results

Similar Description - 1N6312

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309 Datasheet
96Kb / 2P
   500 mW GLASS ZENER DIODES
1N5248C MICROSEMI-1N5248C Datasheet
199Kb / 3P
   500 mW GLASS AXIAL-LEAD ZENER DIODES
1N5221UR MICROSEMI-1N5221UR Datasheet
149Kb / 3P
   500 mW GLASS SURFACE MOUNT ZENER DIODES
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
   500 mW ZENER DIODES
logo
Microsemi Corporation
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
   SILICON 500 mW ZENER DIODES
1N992B MICROSEMI-1N992B Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
1N5221-1 MICROSEMI-1N5221-1 Datasheet
102Kb / 3P
   SILICON 500 mW ZENER DIODES
1N4370 MICROSEMI-1N4370 Datasheet
70Kb / 2P
   SILICON 500 mW ZENER DIODES
1N5221 MICROSEMI-1N5221 Datasheet
100Kb / 3P
   SILICON 500 mW ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com