Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5204 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 2N5204
Description  SILICON CONTROLLED RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N5204 Datasheet(HTML) 1 Page - Digitron Semiconductors

  2N5204 Datasheet HTML 1Page - Digitron Semiconductors 2N5204 Datasheet HTML 2Page - Digitron Semiconductors 2N5204 Datasheet HTML 3Page - Digitron Semiconductors 2N5204 Datasheet HTML 4Page - Digitron Semiconductors 2N5204 Datasheet HTML 5Page - Digitron Semiconductors 2N5204 Datasheet HTML 6Page - Digitron Semiconductors 2N5204 Datasheet HTML 7Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N681-2N692, 2N5204-2N5207
SILICON CONTROLLED RECTIFIER
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
2N681-2N692
2N5204-2N5207
Unit
RMS on-state current
IT(RMS)
25
35
A
Average on-state current
IT(AV)
16
22
A
@ TC
TC
-65 to +65
-40 to +40
°C
Peak one cycle surge @ 50 Hz
145
285
A
Peak one cycle surge @ 60 Hz
ITSM
150
300
A
Fusing @ 50 Hz
103
410
Fusing @ 60 Hz
I2t
94
375
A2s
Gate current to trigger
IGT
40
40
mA
Typical critical dv/dt exponential to VDRM
dv/dt
-
100
V/µs
Critical rate of rise
di/dt
75-100
100
A/µs
Typical junction temperature
TJ
-65 to 125
-40 to 125
°C
VOLTAGE RATINGS (Applied gate voltage zero or negative)
VRRM, VDRM
Maximum repetitive peak reverse and
off-state voltage
(V)
VRSM
Maximum non-repetitive peak reverse voltage
tp ≤ 5 ms
(V)
Part Number
TJ = -65 to +125°C
TJ = -65 to +125°C
2N681
25
35
2N682
50
75
2N683
100
150
2N685
200
300
2N687
300
400
2N688
400
500
2N689
500
600
2N690
600
720
2N691
700
840
2N692
800
960
TJ = -40 to 125°C
TJ = -40 to 125°C
2N5204
600
720
2N5205
800
960
2N5206
1000
1200
2N5207
1200
1440
ELECTRICAL CHARACTERISTICS
Symbol
Characteristics
2N681-2N692
2N5204-
2N5207
Units
Conditions
IT(RMS)
Maximum RMS on-state current
25
35
A
IT(AV)
Maximum average on-state
current
16
22
A
@ TC =
-65 to +65
-40 to +40
°C
180° half sine wave conduction
145
285
50 Hz half cycle sine wave
or 6 ms rectangular pulse
150
300
60 Hz half cycle sine wave
or 5 ms rectangular pulse
Following any rated load
condition and with rated
VRRM applied following
surge
170
340
50 Hz half cycle sine wave
or 6 ms rectangular pulse
ITSM
Maximum peak one cycle,
non-repetitive surge current
180
355
A
60 Hz half cycle sine wave
or 5 ms rectangular pulse
Same conditions as above
except with VRRM applied
following
surge = 0
103
410
t = 10 ms
I2t
Maximum I2t capability, for fusing
94
375
A2s
t = 8.3 ms
Rated VRRM applied
following surge, initial
TJ = 125°C
145
580
t = 10 ms
I2t
Maximum I2t capability for
individual device fusing
135
530
A2s
t = 8.3 ms
VRRM = 0 following
surge, initial
TJ = 125°C
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130116


Similar Part No. - 2N5204

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
2N5204 KNOX-2N5204 Datasheet
208Kb / 7P
   25 and 35 Amp RMS SCRs
logo
International Rectifier
2N5204 IRF-2N5204 Datasheet
208Kb / 7P
   25 and 35 Amp RMS SCRs?
2N5204 IRF-2N5204 Datasheet
219Kb / 7P
   25 AND 35 AMP RMS SCRS
logo
New Jersey Semi-Conduct...
2N5204 NJSEMI-2N5204 Datasheet
242Kb / 2P
   MAXIMUM ALLOWABLE RATINGS
More results

Similar Description - 2N5204

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
2N3756 NJSEMI-2N3756 Datasheet
251Kb / 2P
   SILICON CONTROLLED RECTIFIER
C137E NJSEMI-C137E Datasheet
182Kb / 3P
   Silicon Controlled Rectifier
logo
Solid States Devices, I...
SCR010C SSDI-SCR010C_15 Datasheet
179Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Digitron Semiconductors
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
   SILICON CONTROLLED RECTIFIER
logo
SHANTOU HUASHAN ELECTRO...
HCP20C60 HUASHAN-HCP20C60 Datasheet
179Kb / 3P
   Silicon Controlled Rectifier
HCR1C60 HUASHAN-HCR1C60 Datasheet
720Kb / 3P
   Silicon Controlled Rectifier
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
   Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
   SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
   SILICON CONTROLLED RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com