Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5204 Datasheet(PDF) 3 Page - Digitron Semiconductors

Part # 2N5204
Description  SILICON CONTROLLED RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N5204 Datasheet(HTML) 3 Page - Digitron Semiconductors

  2N5204 Datasheet HTML 1Page - Digitron Semiconductors 2N5204 Datasheet HTML 2Page - Digitron Semiconductors 2N5204 Datasheet HTML 3Page - Digitron Semiconductors 2N5204 Datasheet HTML 4Page - Digitron Semiconductors 2N5204 Datasheet HTML 5Page - Digitron Semiconductors 2N5204 Datasheet HTML 6Page - Digitron Semiconductors 2N5204 Datasheet HTML 7Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N681-2N692, 2N5204-2N5207
SILICON CONTROLLED RECTIFIER
ELECTRICAL CHARACTERISTICS
Symbol
Characteristics
2N681-2N692
2N5204-
2N5207
Units
Conditions
3
3
TC = -65°C. Max. required gate trigger
voltage is the lowest value which will
trigger all units with 6V anode to cathode
Maximum required DC gate
voltage to trigger
2
2
TC = 25°C
VGT
Typical DC gate voltage to
trigger
1.5
1.5
V
TC = 25°C 6V anode to cathode
VGD
Maximum DC gate voltage not
to trigger
0.25
0.25
V
TC = 125°C. Max. gate voltage not to
trigger is the maximum value which will
not trigger any unit with rated VDRM anode
to cathode
THERMAL –MECHANICAL CHARACTERISTICS
Symbol
Characteristics
2N681-2N692
2N5204-
2N5207
Units
Conditions
TJ
Operating junction temperature
range
-65 to 125
-40 to 125
°C
Tstg
Storage temperature range
-65 to 125
-40 to 125
°C
RthJC
Maximum internal thermal
resistance, junction to case
1.5
1.5
°C/W
DC operation
RthCS
Thermal resistance, case to sink
0.35
0.35
°C/W
Mounting surface smooth, flat and greased
MECHANICAL CHARACTERISTICS
Case
TO-48
Marking
Alpha-numeric
Pin out
See below
TO-48
Inches
Millimeters
Min
Max
Min
Max
A
0.604
0.614
15.340
15.600
B
0.551
0.559
14.000
14.200
C
1.050
1.190
2.670
30.230
F
0.135
0.160
3.430
4.060
H
-
0.265
-
6.730
J
0.420
0.455
10.670
11.560
K
0.620
0.670
15.750
17.020
L
0.300
0.350
7.620
8.890
Q
0.055
0.085
1.400
2.160
T
0.501
0.505
12.730
12.830
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130116


Similar Part No. - 2N5204

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
2N5204 KNOX-2N5204 Datasheet
208Kb / 7P
   25 and 35 Amp RMS SCRs
logo
International Rectifier
2N5204 IRF-2N5204 Datasheet
208Kb / 7P
   25 and 35 Amp RMS SCRs?
2N5204 IRF-2N5204 Datasheet
219Kb / 7P
   25 AND 35 AMP RMS SCRS
logo
New Jersey Semi-Conduct...
2N5204 NJSEMI-2N5204 Datasheet
242Kb / 2P
   MAXIMUM ALLOWABLE RATINGS
More results

Similar Description - 2N5204

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
2N3756 NJSEMI-2N3756 Datasheet
251Kb / 2P
   SILICON CONTROLLED RECTIFIER
C137E NJSEMI-C137E Datasheet
182Kb / 3P
   Silicon Controlled Rectifier
logo
Solid States Devices, I...
SCR010C SSDI-SCR010C_15 Datasheet
179Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Digitron Semiconductors
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
   SILICON CONTROLLED RECTIFIER
logo
SHANTOU HUASHAN ELECTRO...
HCP20C60 HUASHAN-HCP20C60 Datasheet
179Kb / 3P
   Silicon Controlled Rectifier
HCR1C60 HUASHAN-HCR1C60 Datasheet
720Kb / 3P
   Silicon Controlled Rectifier
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
   Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
   SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
   SILICON CONTROLLED RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com