Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4251UA Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA4251UA
Description  Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA4251UA Datasheet(HTML) 3 Page - National Semiconductor (TI)

  OPA4251UA Datasheet HTML 1Page - National Semiconductor (TI) OPA4251UA Datasheet HTML 2Page - National Semiconductor (TI) OPA4251UA Datasheet HTML 3Page - National Semiconductor (TI) OPA4251UA Datasheet HTML 4Page - National Semiconductor (TI) OPA4251UA Datasheet HTML 5Page - National Semiconductor (TI) OPA4251UA Datasheet HTML 6Page - National Semiconductor (TI) OPA4251UA Datasheet HTML 7Page - National Semiconductor (TI) OPA4251UA Datasheet HTML 8Page - National Semiconductor (TI) OPA4251UA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
®
OPA241, 2241, 4241
OPA251, 2251, 4251
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
±100
±50
±250
µV
TA = –40°C to +85°C
±150
±100
±300
µV
vs Temperature
dVOS/dT
TA = –40°C to +85°C
±0.6
±0.5
µV/°C
vs Power Supply
PSRR
VS = ±1.35V to ±18V
TT
330
µV/V
TA = –40°C to +85°C
VS = ±1.35V to ±18V
T
30
µV/V
Channel Separation (dual, quad)
T
0.3
µV/V
INPUT BIAS CURRENT
Input Bias Current(1)
IB
T
–4
–20
nA
TA = –40°C to +85°C
–25
nA
Input Offset Current
IOS
T
±0.1
±2nA
TA = –40°C to +85°C
±2
nA
NOISE
Input Voltage Noise, f = 0.1Hz to 10Hz
T
1
µVp-p
Input Voltage Noise Density, f = 1kHz
en
T
45
nV/
√Hz
Current Noise Density, f = 1kHz
in
T
40
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–) –0.2
(V+) –0.8
V
Common-Mode Rejection Ratio
CMRR
VCM = –15.2V to 14.2V
T
100
124
dB
TA = –40°C to +85°C
VCM = –15V to 14.2V
100
dB
INPUT IMPEDANCE
Differential
T
107 || 2
Ω || pF
Common-Mode
T
109 || 4
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
RL = 100kΩ, VO = –14.75V to +14.75V
T
100
128
dB
TA = –40°C to +85°C
RL = 100kΩ, VO = –14.75V to +14.75V
100
dB
RL = 20kΩ, VO = –14.7V to +14.7V
T
100
128
dB
TA = –40°C to +85°C
RL = 20kΩ, VO = –14.7V to +14.7V
100
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
T
35
kHz
Slew Rate
SR
G = 1
T
0.01
V/
µs
Overload Recovery Time
VIN • G = VS
T
60
µs
OUTPUT
Voltage Output Swing from Rail(2)
VO
RL = 100kΩ, AOL ≥ 70dB
T
50
mV
RL = 100kΩ, AOL ≥ 100dB
T
75
250
mV
TA = –40°C to +85°C
RL = 100kΩ, AOL ≥ 100dB
250
mV
RL = 20kΩ, AOL ≥ 100dB
T
100
300
mV
TA = –40°C to +85°C
RL = 20kΩ, AOL ≥ 100dB
300
mV
Short-Circuit Current
ISC
Single Versions
T
–21/+4
mA
Dual Versions
T
–50/+4
mA
Capacitive Load Drive
CLOAD
T
See Typical Curve
POWER SUPPLY
Specified Voltage Range
VS
T
±15
V
Operating Voltage Range
TA = –40°C to +85°C
TT
±1.35
±18
V
Quiescent Current (per amplifier)
IQ
IO = 0
T
±27
±38
µA
TA = –40°C to +85°C
IO = 0
±45
µA
TEMPERATURE RANGE
Specified Range
TT
–40
+85
°C
Operating Range
TT
–55
+125
°C
Storage Range
TT
–55
+125
°C
Thermal Resistance
θ
JA
8-Pin DIP
T
100
°C/W
SO-8 Surface Mount
T
150
°C/W
14-Pin DIP
T
80
°C/W
SO-14 Surface Mount
T
100
°C/W
T Specifications the same as OPA251UA, PA.
NOTES: (1) The negative sign indicates input bias current flows out of the input terminals. (2) Output voltage swings are measured between the output and
power supply rails.
SPECIFICATIONS: VS = ±15V
At TA = +25°C, RL = 100kΩ connected to ground, unless otherwise noted.
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C.
OPA241UA, PA
OPA251UA, PA
OPA2241UA, PA
OPA2251UA, PA
OPA4241UA, PA
OPA4251UA, PA


Similar Part No. - OPA4251UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4251UA BURR-BROWN-OPA4251UA Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
OPA4251UA BURR-BROWN-OPA4251UA Datasheet
217Kb / 12P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA4251UA TI-OPA4251UA Datasheet
985Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
OPA4251UA TI1-OPA4251UA Datasheet
1Mb / 23P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA4251UA/2K5 BURR-BROWN-OPA4251UA/2K5 Datasheet
217Kb / 12P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4251UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
OPA2241PAG4 TI-OPA2241PAG4 Datasheet
985Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA251 BURR-BROWN-OPA251 Datasheet
217Kb / 12P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2251UA-2K5G4 TI-OPA2251UA-2K5G4 Datasheet
1,004Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
OPA241 TI1-OPA241 Datasheet
1Mb / 23P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com