Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR9010 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # TR9010
Description  SILICON CONTROLLED RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

TR9010 Datasheet(HTML) 1 Page - Digitron Semiconductors

  TR9010 Datasheet HTML 1Page - Digitron Semiconductors TR9010 Datasheet HTML 2Page - Digitron Semiconductors TR9010 Datasheet HTML 3Page - Digitron Semiconductors TR9010 Datasheet HTML 4Page - Digitron Semiconductors TR9010 Datasheet HTML 5Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130116
2N1842-2N1850A
SILICON CONTROLLED RECTIFIER
TR1010-TR9010
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
RMS on-state current @ TC = 80°C
IT(RMS)
16
A
Mean on-state current @ TC = 80°C
IT(AV)
10
A
Non-repetitive surge peak on-state current @ TJ ≤ 125°C
t = 8.3ms
t = 10ms
ITSM
157
150
A
I2t for fusing @ TJ ≤ 125°C, t = 10ms
I2t
112.5
A2s
Critical rate of rise of on-state current
di/dt
100
A/µs
Operating junction temperature range
TJ
-40 to +150
°C
Storage temperature range
Tstg
-40 to +125
°C
VOLTAGE RATINGS
2N
1842(A)
2N
1843(A)
2N
1844(A)
2N
1846(A)
2N
1848(A)
2N
1849(A)
2N
1850(A)
TR
6010
TR
7010
TR
8010
TR
9010
TR
1010
TR
1110
TR
1210
TJ =
125°C
VOLTS
VDRM
=
VRRM
25
50
100
200
300
400
500
600
700
800
900
1000
1100
1200
THERMAL RESISTANCE
Thermal resistance
Symbol
Value
Unit
Junction to case for DC
Rth(j-c)
2
°C/W
Case to heatsink
Rth(c-h)
0.4
°C/W
ELECTRICAL CHARACTERISTICS
Value
Unit
Characteristic
Symbol
Min
Typ
Max
Test conditions
Gate trigger current
IGT
-
-
80
mA
TJ = 25°C
VD = 12V
RL = 33Ω
tp ≥ 20µs
Gate trigger voltage
VGT
-
-
3
V
TJ = 25°C
VD = 12V
RL = 33Ω
tp ≥ 20µs
Peak gate voltage
VGD
0.25
-
-
TJ = 125°C
VD = VDRM
RL = 3.3Ω
Holding current
IH
-
20
-
mA
TJ = 25°C
IT = 0.5A
Gate open
Peak on-state voltage
VTM
-
-
2.2
V
TJ = 25°C
ITM = 30A
tp = 10ms
Maximum off-state current
IDRM
-
-
5
mA
TJ = 125°C
VDRM specified
Maximum off-state current
IRRM
-
-
5
mA
TJ = 125°C
VRRM specified
Turn on time
tgt
-
2
-
µs
TJ = 25°C
IG = 200mA
IT = 30A
diG/dt = 2A/µs
VD = VDRM
Turn off time
tq
-
100
-
µs
TJ = 125°C
diR/dt = 30A/µs
IT = 10A
dv/dt = 20V/µs
VR = 30V
VD = 0.67 VDRM
Gate open
Critical rise of off-state voltage
dv/dt
100
-
-
V/µs
TJ = 125°C
Linear slope up to 0.67 VDRM specified


Similar Part No. - TR9010

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TR9036 APITECH-TR9036 Datasheet
163Kb / 1P
   RF AMPLIFIER MODEL
TR9069 APITECH-TR9069 Datasheet
173Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - TR9010

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
2N3756 NJSEMI-2N3756 Datasheet
251Kb / 2P
   SILICON CONTROLLED RECTIFIER
C137E NJSEMI-C137E Datasheet
182Kb / 3P
   Silicon Controlled Rectifier
logo
Solid States Devices, I...
SCR010C SSDI-SCR010C_15 Datasheet
179Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Digitron Semiconductors
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
   SILICON CONTROLLED RECTIFIER
logo
SHANTOU HUASHAN ELECTRO...
HCP20C60 HUASHAN-HCP20C60 Datasheet
179Kb / 3P
   Silicon Controlled Rectifier
HCR1C60 HUASHAN-HCR1C60 Datasheet
720Kb / 3P
   Silicon Controlled Rectifier
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
   Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
   SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
   SILICON CONTROLLED RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com