Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1598 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part No. 2N1598
Description  SILICON THYRISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIGITRON [Digitron Semiconductors]
Homepage  http://www.digitroncorp.com
Logo 

   
 1 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N1595-2N1599
SILICON THYRISTOR
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS (TJ = 125°C unless otherwise noted)
Symbol
Ratings
2N1595
2N1596
2N1597
2N1598
2N1599
Unit
VRSM(REP)
Peak reverse blocking voltage*
50
100
200
300
400
V
IT(RMS)
Forward current RMS (all conduction angles)
1.6
Amp
ITSM
Peak surge current (one-cycle, 60Hz,
TJ = -65 to +125°C)
15
Amp
PGM
Peak gate power – forward
0.1
W
PG(AV)
Average gate power – forward
0.01
W
IGM
Peak gate current – forward
0.1
Amp
VGFM
Peak gate voltage – forward
10
V
VGRM
Peak gate voltage – reverse
10
V
TJ
Operating junction temperature range
-65 to +125
°C
TSTG
Storage temperature range
-65 to +150
°C
*VDRM or VRSM can be applied for all types on a continuous dc basis without incurring damage.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted, RGK = 1000Ω)
Symbol
Ratings
2N1595
2N1596
2N1597
2N1598
2N1599
Unit
VDRM
Peak forward blocking voltage*
Min.
50
100
200
300
400
V
IRRM
Peak reverse blocking current
(Rated VDRM, TJ = 125°C)
Max.
1.0
mA
IDRM
Peak forward blocking current
(Rated VDRM with gate open, TJ = 125°C)
Max.
1.0
mA
IGT
Gate trigger current
Anode voltage = 7.0 Vdc, RL = 12Ω
Typ.
Max.
2.0
10
mA
VGT
Gate trigger voltage
Anode voltage = 7.0Vdc, RL = 12Ω
VDRM = rated, RL = 100Ω, TJ = 125°C
Typ.
Max.
Min.
0.7
3.0
0.2
V
IH
Holding current
Anode voltage = 7.0 Vdc, gate open
Typ.
5.0
mA
VTM
Forward on-voltage
IT = 1Adc
Typ.
Max.
1.1
2.0
V
tgt
Turn-on time (td+tr)
IGT = 10mA, IT = 1A
Typ.
0.8
µs
tq
Turn-off time
IT = 1A, IR = 1A, dv/dt = 20 V/µs,
TJ = 125°C
VDRM = rated voltage
Typ.
10
µs
*VDRM or VRSM can be applied for all types on a continuous dc basis without incurring damage.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130116




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl