Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1595 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part No. 2N1595
Description  SILICON THYRISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIGITRON [Digitron Semiconductors]
Homepage  http://www.digitroncorp.com
Logo 

   
 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N1595-2N1599
SILICON THYRISTOR
MECHANICAL CHARACTERISTICS
Case
TO-39
Marking
Alpha-numeric
Pin out
See below
TO-39
Inches
Millimeters
Min
Max
Min
Max
A
0.335
0.370
8.510
9.390
B
0.305
0.335
7.750
8.500
C
0.240
0.260
6.100
6.600
D
0.016
0.021
0.410
0.530
E
0.009
0.041
0.230
1.040
F
0.016
0.019
0.410
0.480
G
0.200 BSC
5.080 BSC
H
0.028
0.034
0.720
0.860
J
0.029
0.045
0.740
1.140
K
0.500
0.750
12.700
19.050
L
0.250
-
6.350
-
M
45°C BSC
45°C BSC
P
-
0.050
-
1.270
R
0.100
-
2.540
-
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130116




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl