Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA335AIDR Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA335AIDR
Description  0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA335AIDR Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button OPA335AIDR Datasheet HTML 7Page - National Semiconductor (TI) OPA335AIDR Datasheet HTML 8Page - National Semiconductor (TI) OPA335AIDR Datasheet HTML 9Page - National Semiconductor (TI) OPA335AIDR Datasheet HTML 10Page - National Semiconductor (TI) OPA335AIDR Datasheet HTML 11Page - National Semiconductor (TI) OPA335AIDR Datasheet HTML 12Page - National Semiconductor (TI) OPA335AIDR Datasheet HTML 13Page - National Semiconductor (TI) OPA335AIDR Datasheet HTML 14Page - National Semiconductor (TI) OPA335AIDR Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
www.ti.com
OPA334, OPA2334, OPA335, OPA2335
SBOS245D
FIGURE 8. High Dynamic Range Transimpedance Amplifier.
–5V
R
2
(1)
2k
R
1
4.12k
+5V
R
3
100
V
OUT
≈ 1MHz Bandwidth
V
OS ≈ 10µV
OPA353
C
1
56pF
C
2
0.1
µF
C
3
1nF
–5V
R
5
(1)
40k
+5V
R
6
49.9k
R
4
100k
OPA335
C
4
10nF
Photodiode
≈ 2pF
C
6
0.1
µF
C
5
10nF
R
7
1k
Photodiode
Bias
C
7
1
µF
NOTE: (1) Pull-down resistors to allow accurate swing to 0V.


Similar Part No. - OPA335AIDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA335AIDR BURR-BROWN-OPA335AIDR Datasheet
354Kb / 18P
   0.05UV/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA335AIDR BURR-BROWN-OPA335AIDR Datasheet
1Mb / 30P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA335AIDR TI1-OPA335AIDR Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA335AIDRG4 TI1-OPA335AIDRG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
More results

Similar Description - OPA335AIDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA334 BURR-BROWN-OPA334_12 Datasheet
1Mb / 30P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA2335M BURR-BROWN-OPA2335M Datasheet
263Kb / 16P
   0.05 mV/째C MAX, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
logo
Texas Instruments
OPA330 TI-OPA330_15 Datasheet
1Mb / 37P
[Old version datasheet]   50關V VOS, 0.25關V/째C, 35關A CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA330 TI-OPA330 Datasheet
1Mb / 29P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
OPA330 TI-OPA330_1 Datasheet
1Mb / 30P
[Old version datasheet]   50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
Burr-Brown (TI)
OPA335 BURR-BROWN-OPA335 Datasheet
354Kb / 18P
   0.05UV/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA734 TI-OPA734 Datasheet
469Kb / 18P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA2335AIDGKRG4 TI1-OPA2335AIDGKRG4 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Burr-Brown (TI)
OPA734 BURR-BROWN-OPA734_07 Datasheet
607Kb / 23P
   0.05uV/?C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com