Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1877 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part No. 2N1877
Description  1.25 AMP SILICON CONTROLLED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIGITRON [Digitron Semiconductors]
Homepage  http://www.digitroncorp.com
Logo 

   
 1 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N1875-2N1880
1.25 AMP SILICON CONTROLLED RECTIFIER
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
2N1875
2N1876
2N1877
2N1878
2N1879
2N1880
Unit
Repetitive peak off-state voltage
VDRM
15
30
60
100
150
200
V
Repetitive peak reverse voltage
VRRM
15
30
60
100
150
200
V
DC on-state current
100°C ambient
100°C case
IT
250
1.25
mA
A
Repetitive peak on-state current
ITRM
Up to 30
A
Peak one cycle surge (non-repetitive)
on-state current
ITSM
15
A
Peak gate current
IGM
250
mA
Average gate current
IG(AV)
25
mA
Reverse gate voltage
VGR
5
V
Thermal resistance, junction to case
R
ӨJC
20
°C/W
Operating and storage temperature
range
TJ, Tstg
-65 to 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
Test Condition
Subgroup 2 (25°C test)
Off-state current
IDRM
-
0.5
5
µA
VDRM = rating, RGK = 1KΩ
Reverse current
IRRM
-
0.5
10
µA
VRRM = rating
Reverse gate current
IGR
-
0.5
10
µA
VGR = 2V
Gate trigger current
IGT
-
5
20
µA
VD = 5V, RGS = 10KΩ
Gate trigger voltage
VGT
0.44
0.52
0.60
V
VD = 5V, RGS = 100Ω
Anode trigger current (1)
IAT
-
100
-
µA
VD = 5V
On-state voltage
VT
0.8
1.8
2.5
V
IT = 2A(pulse test)
Holding current
IH
0.3
1.0
3
mA
IG = -150µA, VAA = 5V
Subgroup 3 (25°C test)
Turn-on time
ton
-
0.1
-
µs
Turn-off time
toff
-
0.5
-
µs
Gate trigger – on pulse width
tpg(on)
-
0.5
-
µs
IG = 20mA, IT = 0.5A,
VD = 30V
Circuit commutated turn-off time
tq
-
10
-
µs
IT = 0.5A, IR = 0.5A,
RGK = 1KΩ
Subgroup 4 (125°C test)
High temperature off-state current
IDRM
-
5
20
µA
VD = rating, RGK = 1KΩ
High temperature reverse current
IRRM
-
15
100
µA
VRRM = rating
Note 1: For a maximum limit of 50µA, use suffix “-1” and drop 2N.
Voltage ratings apply over the operating temperature range, provided the gate is connected to the cathode through an appropriate resistor, or adequate gate bias is used.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130116




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl