Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N1882 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 2N1882
Description  SILICON CONTROLLED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N1882 Datasheet(HTML) 1 Page - Digitron Semiconductors

  2N1882 Datasheet HTML 1Page - Digitron Semiconductors 2N1882 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N1881-2N1885
SILICON CONTROLLED RECTIFIER
1 AMP
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
2N1881
2N1882
2N1883
2N1884
2N1885
Unit
Repetitive peak off state voltage
VDRM
30
60
100
150
200
Volts
Repetitive peak reverse voltage
VRRM
30
60
100
150
200
Volts
DC on-state current
100°C ambient
100°C case
IT
250
1.0
mA
Amps
Repetitive peak on-state current
ITRM
Up to 30
Amps
Peak one cycle surge (non-repetitive) on-state
current
ITSM
15
Amps
Peak gate current
IGM
250
mA
Average gate current
IG(AV)
25
mA
Reverse gate voltage
VGR
3
Volts
Thermal resistance, junction to case
R
ӨJC
20
°C/W
Operating and storage temperature range
TJ, Tstg
-65 to 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
Test Condition
Subgroup 2 (25°C test)
Off-state current
IDRM
-
0.5
10
µA
VDRM = rating, RGK = 1KΩ
Reverse current
IRRM
-
0.5
10
µA
VRRM = rating, RGK = 1KΩ
Reverse gate current
IGR
-
0.5
10
µA
VGR = 2V
Gate trigger current
IGT
-
0.2
2
mA
VD = 5V, RGS = 10KΩ
Gate trigger voltage
VGT
0.40
1.0
2
V
VD = 5V, RGS = 100Ω
On-state voltage
VT
-
1.5
2
V
IT = 1A(pulse test)
Holding current
IH
-
2.0
-
mA
IG = -150µA, VD = 5V
Anode trigger current
IAT
-
0.5
-
mA
RGS = 10KΩ, VD = 5V
Subgroup 3 (25°C test)
Turn-on time
ton
-
0.2
-
µs
IG = 20mA, IT = 0.5A, VD = 30V
Gate trigger – on pulse width
tpg(on)
-
1.0
-
µs
IG = 20mA, IT = 0.5A, VD = 30V
Turn-off time
toff
-
1.0
-
µs
IT = 1A, IR = 1A, RGK = 1KΩ
Circuit commutated turn-off time
tq
-
10
-
µs
IT = 1A, IR = 1A, RGK = 1KΩ
Subgroup 3 (125°C test)
High temperature off-state current
IDRM
-
15
200
µA
RGK = 1KΩ, VDRM = rating
High temperature reverse current
IRRM
-
15
200
µA
RGK = 1KΩ, VRRM = rating
Voltage ratings apply over the operating temperature range, provided the gate is connected to the cathode through an appropriate resistor, or adequate gate bias is used.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130123


Similar Part No. - 2N1882

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N1882 NJSEMI-2N1882 Datasheet
152Kb / 1P
   SCRs 1 Amp, Planar
More results

Similar Description - 2N1882

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
2N3756 NJSEMI-2N3756 Datasheet
251Kb / 2P
   SILICON CONTROLLED RECTIFIER
C137E NJSEMI-C137E Datasheet
182Kb / 3P
   Silicon Controlled Rectifier
logo
Solid States Devices, I...
SCR010C SSDI-SCR010C_15 Datasheet
179Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Digitron Semiconductors
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
   SILICON CONTROLLED RECTIFIER
logo
SHANTOU HUASHAN ELECTRO...
HCP20C60 HUASHAN-HCP20C60 Datasheet
179Kb / 3P
   Silicon Controlled Rectifier
HCR1C60 HUASHAN-HCR1C60 Datasheet
720Kb / 3P
   Silicon Controlled Rectifier
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
   Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
   SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
   SILICON CONTROLLED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com