Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N2323 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 2N2323
Description  SILICON CONTROLLED RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N2323 Datasheet(HTML) 2 Page - Digitron Semiconductors

  2N2323 Datasheet HTML 1Page - Digitron Semiconductors 2N2323 Datasheet HTML 2Page - Digitron Semiconductors 2N2323 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N2322(A)-2N2328(A), 2N2329
SILICON CONTROLLED RECTIFIERS
1.6 AMP, PLANAR
ELECTRICAL CHARACTERISTICS @ -65°C
Characteristics
Symbol
Min
Typ
Max
Unit
Test Condition
Off-state current
IDRM
-
0.05
5.0
µA
VDRM = rating, RGK = 1K (2K for “A” types)
Reverse current
IRRM
-
0.05
5.0
µA
VRRM = rating, RGK = 1K (2K for “A” types)
Gate trigger current
“A” types
Non “A” types
IGT
-
-
50
100
75
350
µA
VD = 6V, RL = 100Ω
Gate trigger voltage
“A” types
Non “A” types
VGT
-
-
-
0.7
-
0.75
0.8
0.9
1.0
V
VD = 6V, RGK = 2K, RL = 100Ω
VD = 6V, RGK = 2K, RL = 100Ω
VD = 6V, RGK = 1K, RL = 100Ω
Holding current
IH
-
-
3.0
mA
VD = 6V, RGK = 1K (2K for “A” types)
MECHANICAL SPECIFICATIONS
Case:
Metal Can TO-39
Marking:
Alpha Numeric
Pin out
See below
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130116


Similar Part No. - 2N2323

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N2323 MICROSEMI-2N2323 Datasheet
67Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Seme LAB
2N2323 SEME-LAB-2N2323 Datasheet
15Kb / 1P
   Bipolar NPNP Device in a Hermetically sealed TO5
logo
Central Semiconductor C...
2N2323 CENTRAL-2N2323 Datasheet
138Kb / 2P
   SILICON CONTROLLED RECTIFIER 1.6 AMPS, 25 THRU 400 VOLTS
logo
Comset Semiconductor
2N2323 COMSET-2N2323 Datasheet
80Kb / 3P
   SILICON THYRISTORS
logo
Central Semiconductor C...
2N2323 CENTRAL-2N2323 Datasheet
138Kb / 2P
   SILICON CONTROLLED RECTIFIER
More results

Similar Description - 2N2323

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com