Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA244UA Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA244UA
Description  MicroPower, Single-Supply MicroPower, Single-Supply MicroAmplifier ??Series
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA244UA Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button OPA244UA Datasheet HTML 7Page - National Semiconductor (TI) OPA244UA Datasheet HTML 8Page - National Semiconductor (TI) OPA244UA Datasheet HTML 9Page - National Semiconductor (TI) OPA244UA Datasheet HTML 10Page - National Semiconductor (TI) OPA244UA Datasheet HTML 11Page - National Semiconductor (TI) OPA244UA Datasheet HTML 12Page - National Semiconductor (TI) OPA244UA Datasheet HTML 13Page - National Semiconductor (TI) OPA244UA Datasheet HTML 14Page - National Semiconductor (TI) OPA244UA Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11
OPA244, 2244, 4244
®
APPLICATIONS INFORMATION
The OPA244 is unity-gain stable and suitable for a wide
range of general purpose applications. Power supply pins
should be bypassed with 0.01
µF ceramic capacitors.
OPERATING VOLTAGE
The OPA244 can operate from single supply (+2.2V to
+36V) or dual supplies (
±1.1 to ±18V) with excellent
performance. Unlike most op amps which are specified at
only one supply voltage, the OPA244 is specified for real
world applications; a single set of specifications applies
throughout the +2.6V to +36V (
±1.3 to ±18V) supply range.
This allows a designer to have the same assured perfor-
mance at any supply voltage within this range. In addition,
many key parameters are guaranteed over the specified
temperature range, –40
°C to +85°C. Most behavior remains
unchanged throughout the full operating voltage range. Pa-
rameters which vary significantly with operating voltage or
temperature are shown in typical performance curves.
Useful information on solder pad design for printed circuit
boards can be found in Burr-Brown's Application Bulletin
AB-132B, “Solder Pad Recommendations for Surface-
Mount Devices,” easily found at Burr-Brown's web site
(http://www.burr-brown.com).
FIGURE 1. Low and High-Side Battery Current Sensing.
R
L
10
A1
OPA244
+
R
1
38.3k
R
3
38.3k
R
5
383k
R
6
10k
R
7
9.09k
R
4
20k
R
2
19.1k
A2
OPA244
R
8
100k
R
H
10
I
H
V+
V–
V+
V–
2.2V to 36V
(
±1.1V to ±18V)
V+ for A1, A2
–In
+In
–In
+In
V
O = 10 • IH • RH
To Load
To Load
V
O = 10 • IL • RL
Common-mode range of A2
extends to V– for low-side sensing.
Optional for I
B Cancellation
(R
7 = R6 II R8)
R
2 and R4 divide down the
common-mode input to A1.
Low-Side
Current Sense
High-Side
Current Sense
Out
Out
NOTE: Low and high-side sensing circuits can be used independently.
V– for A1, A2
I
L


Similar Part No. - OPA244UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA244UA BURR-BROWN-OPA244UA Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA244UA TI1-OPA244UA Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA244UA/2K5 BURR-BROWN-OPA244UA/2K5 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA244UA/2K5 TI1-OPA244UA/2K5 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
OPA244UAE4 TI1-OPA244UAE4 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA244UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA244 BURR-BROWN-OPA244 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2251UA-2K5G4 TI-OPA2251UA-2K5G4 Datasheet
1,004Kb / 21P
[Old version datasheet]   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
OPA251 BURR-BROWN-OPA251 Datasheet
217Kb / 12P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA251 NSC-OPA251 Datasheet
1,005Kb / 21P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com