Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGW2G391MELC35 Datasheet(PDF) 2 Page - Nichicon corporation

Part # LGW2G391MELC35
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGW2G391MELC35 Datasheet(HTML) 2 Page - Nichicon corporation

  LGW2G391MELC35 Datasheet HTML 1Page - Nichicon corporation LGW2G391MELC35 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions
GW
series
ALUMINUM ELECTROLYTIC CAPACITORS
330
470
560
680
820
1000
1200
1500
1800
2200
22
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 35
30
× 25
22
× 45
25
× 40
30
× 30
35
× 25
25
× 45
30
× 35
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
1970
2170
2170
2220
2300
2300
2650
3080
2650
3080
3480
3480
3450
3980
3980
4200
4200
4620
4200
5220
4620
5220
0.77
0.91
0.91
1.00
1.00
1.10
1.10
1.10
1.21
1.21
1.21
1.21
1.34
1.34
1.46
1.46
1.46
1.64
1.64
1.80
1.80
1.98
LGW2D331MELZ25
LGW2D471MELZ30
LGW2D471MELA25
LGW2D561MELZ35
LGW2D561MELA30
LGW2D681MELZ40
LGW2D681MELA35
LGW2D681MELB25
LGW2D821MELZ45
LGW2D821MELA40
LGW2D821MELB30
LGW2D821MELC25
LGW2D102MELA45
LGW2D102MELB35
LGW2D122MELA50
LGW2D122MELB40
LGW2D122MELC30
LGW2D152MELB45
LGW2D152MELC35
LGW2D182MELB50
LGW2D182MELC40
LGW2D222MELC45
200V (2D)
Rated
ripple
(mA)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
270
330
390
470
560
680
820
1000
1200
1500
1800
22
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
30
× 25
22
× 45
25
× 35
22
× 50
25
× 40
30
× 30
35
× 25
25
× 50
30
× 35
35
× 30
30
× 40
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
1650
1800
1800
1950
1950
2100
2200
2250
2250
2550
2550
2550
2550
3000
3000
3000
3300
3300
3450
3450
3750
4050
0.77
0.86
0.86
0.93
0.93
1.02
1.02
1.12
1.12
1.23
1.23
1.23
1.23
1.35
1.35
1.35
1.50
1.50
1.64
1.64
1.83
2.01
LGW2E271MELZ25
LGW2E331MELZ30
LGW2E331MELA25
LGW2E391MELZ35
LGW2E391MELA30
LGW2E471MELZ40
LGW2E471MELB25
LGW2E561MELZ45
LGW2E561MELA35
LGW2E681MELZ50
LGW2E681MELA40
LGW2E681MELB30
LGW2E681MELC25
LGW2E821MELA50
LGW2E821MELB35
LGW2E821MELC30
LGW2E102MELB40
LGW2E102MELC35
LGW2E122MELB50
LGW2E122MELC40
LGW2E152MELC45
LGW2E182MELC50
250V (2E)
Rated
ripple
(mA)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
100
120
150
180
220
270
330
390
470
560
680
22
× 25
22
× 30
25
× 25
22
× 35
22
× 40
25
× 30
30
× 25
22
× 45
25
× 35
30
× 30
22
× 50
25
× 40
30
× 35
35
× 25
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
1020
1220
1220
1330
1430
1430
1680
1550
1650
1790
1680
1830
2120
2120
2120
2330
2330
2520
2520
2850
2850
3180
3210
0.60
0.65
0.65
0.73
0.80
0.80
0.80
0.88
0.88
0.88
0.98
0.98
0.98
0.98
1.08
1.08
1.08
1.18
1.18
1.30
1.30
1.41
1.56
LGW2G101MELZ25
LGW2G121MELZ30
LGW2G121MELA25
LGW2G151MELZ35
LGW2G181MELZ40
LGW2G181MELA30
LGW2G181MELB25
LGW2G221MELZ45
LGW2G221MELA35
LGW2G221MELB30
LGW2G271MELZ50
LGW2G271MELA40
LGW2G271MELB35
LGW2G271MELC25
LGW2G331MELA50
LGW2G331MELB40
LGW2G331MELC30
LGW2G391MELB45
LGW2G391MELC35
LGW2G471MELB50
LGW2G471MELC40
LGW2G561MELC45
LGW2G681MELC50
400V (2G)
Rated
ripple
(mA)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
82
100
120
150
180
220
270
330
390
470
560
22
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 35
30
× 25
22
× 45
25
× 40
30
× 30
35
× 25
25
× 45
30
× 35
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
960
1040
1040
1150
1220
1220
1310
1310
1350
1350
1600
1600
1550
1710
1740
1900
1900
2200
2200
2400
2420
2670
2850
0.57
0.63
0.63
0.69
0.69
0.77
0.77
0.77
0.85
0.85
0.85
0.85
0.94
0.94
1.04
1.04
1.04
1.15
1.15
1.25
1.25
1.37
1.50
LGW2W820MELZ25
LGW2W101MELZ30
LGW2W101MELA25
LGW2W121MELZ35
LGW2W121MELA30
LGW2W151MELZ40
LGW2W151MELA35
LGW2W151MELB25
LGW2W181MELZ45
LGW2W181MELA40
LGW2W181MELB30
LGW2W181MELC25
LGW2W221MELA45
LGW2W221MELB35
LGW2W271MELA50
LGW2W271MELB40
LGW2W271MELC30
LGW2W331MELB45
LGW2W331MELC35
LGW2W391MELB50
LGW2W391MELC40
LGW2W471MELC45
LGW2W561MELC50
450V (2W)
Rated
ripple
(mA)
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated ripple current (mArms) at 105°C 120Hz
CAT.8100C


Similar Description - LGW2G391MELC35

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com