Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV981TLNOPB Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV981TLNOPB
Description  Dual 1.8V, RRIO Operational Amplifiers with Shutdown
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV981TLNOPB Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMV981TLNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMV981TLNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMV981TLNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMV981TLNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMV981TLNOPB Datasheet HTML 9Page - National Semiconductor (TI) LMV981TLNOPB Datasheet HTML 10Page - National Semiconductor (TI) LMV981TLNOPB Datasheet HTML 11Page - National Semiconductor (TI) LMV981TLNOPB Datasheet HTML 12Page - National Semiconductor (TI) LMV981TLNOPB Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
0
1
2
3
4
5
6
SUPPLY VOLTAGE (V)
20
25
30
35
40
45
RL = 2k:
NEGATIVE SWING
POSITIVE SWING
10k
FREQUENCY (Hz)
PHASE
GAIN
CL = 0pF
CL = 300pF
CL = 1000pF
100k
1M
10
M
-10
0
10
20
30
40
50
60
CL = 1000pF
CL = 300pF
CL = 0pF
VS = 1.8V
RL = 600:
-22.5
0.
0
22.5
45.
0
67.5
90.0
112.5
135.
0
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
OUTPUT VOLTAGE REF TO GND (V)
VS = 5V
VS = 2.7V
VS = 1.8V
0
1
2
3
4
5
6
SUPPLY VOLTAGE (V)
60
70
80
90
100
110
120
130
140
NEGATIVE SWING
POSITIVE SWING
RL = 600:
SUPPLY VOLTAGE (V)
160
140
120
100
80
60
40
20
0
0
1
2
3
4
5
125°C
25°C
-40°C
85°C
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
OUTPUT VOLTAGE REFERENCED TO V+ (V)
VS = 5V
VS = 1.8V
VS = 2.7V
LMV981-N, LMV982-N
www.ti.com
SNOS976L – NOVEMBER 2001 – REVISED MARCH 2013
Typical Performance Characteristics
Unless otherwise specified, VS = +5V, single supply, TA = 25°C.
Supply Current
Sourcing Current
vs.
vs.
Supply Voltage (LMV981-N)
Output Voltage
Figure 4.
Figure 5.
Sinking Current
Output Voltage Swing
vs.
vs.
Output Voltage
Supply Voltage
Figure 6.
Figure 7.
Output Voltage Swing
Gain and Phase
vs.
vs.
Supply Voltage
Frequency
Figure 8.
Figure 9.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMV981-N LMV982-N


Similar Part No. - LMV981TLNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV981TL TI1-LMV981TL Datasheet
1,008Kb / 20P
[Old version datasheet]   Single / LMV982 Dual 1.8V, RRIO Operational Amplifiers with Shutdown
LMV981TL TI1-LMV981TL Datasheet
1Mb / 28P
[Old version datasheet]   Dual 1.8V, RRIO Operational Amplifiers
LMV981TL/NOPB TI1-LMV981TL/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Dual 1.8V, RRIO Operational Amplifiers
LMV981TLX TI1-LMV981TLX Datasheet
1,008Kb / 20P
[Old version datasheet]   Single / LMV982 Dual 1.8V, RRIO Operational Amplifiers with Shutdown
LMV981TLX TI1-LMV981TLX Datasheet
1Mb / 28P
[Old version datasheet]   Dual 1.8V, RRIO Operational Amplifiers
More results

Similar Description - LMV981TLNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV981 NSC-LMV981 Datasheet
585Kb / 18P
   1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
LMV981 TI1-LMV981 Datasheet
1,008Kb / 20P
[Old version datasheet]   Single / LMV982 Dual 1.8V, RRIO Operational Amplifiers with Shutdown
LMV981-N TI1-LMV981-N Datasheet
1Mb / 28P
[Old version datasheet]   Dual 1.8V, RRIO Operational Amplifiers
logo
National Semiconductor ...
LMV931 NSC-LMV931 Datasheet
625Kb / 19P
   1.8V, RRIO Operational Amplifiers
logo
Analog Devices
OP296 AD-OP296_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
REV. E
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Analog Devices
OP496 AD-OP496_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196 AD-OP196_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
logo
National Semiconductor ...
LMV710 NSC-LMV710 Datasheet
708Kb / 19P
   Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com