Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV324MXNOPB Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV324MXNOPB
Description  Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV324MXNOPB Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV324MXNOPB Datasheet HTML 1Page - National Semiconductor (TI) LMV324MXNOPB Datasheet HTML 2Page - National Semiconductor (TI) LMV324MXNOPB Datasheet HTML 3Page - National Semiconductor (TI) LMV324MXNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMV324MXNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMV324MXNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMV324MXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMV324MXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMV324MXNOPB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N, LMV358-N-Q1
LMV324-N, LMV324-N-Q1
www.ti.com
SNOS012I – AUGUST 2000 – REVISED FEBRUARY 2013
LMV321-N/LMV321-N-Q1/LMV358-N/LMV358-N-Q1/LMV324-N/LMV324-N-Q1
Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational
Amplifiers
Check for Samples: LMV321-N, LMV321-N-Q1, LMV358-N, LMV358-N-Q1, LMV324-N, LMV324-N-Q1
1
FEATURES
DESCRIPTION
The LMV358-N/LMV324-N are low voltage (2.7V to
(For V+ = 5V and V= 0V, unless otherwise
5.5V) versions of the dual and quad commodity op
specified)
amps LM358/LM324 (5V to 30V). The LMV321-N is
LMV321-N, LMV358-N, and LMV324-N are
the single channel version. The LMV321-N/LMV358-
available in Automotive AEC-Q100 Grade 1 & 3
N/LMV324-N are the most cost effective solutions for
versions
applications where low voltage operation, space
efficiency, and low price are important. They offer
Guaranteed 2.7V and 5V performance
specifications that meet or exceed the familiar
No crossover distortion
LM358/LM324. The LMV321-N/LMV358-N/LMV324-N
Industrial temperature range
−40°C to +125°C
have rail-to-rail output swing capability and the input
common-mode voltage range includes ground. They
Gain-bandwidth product 1 MHz
all exhibit excellent speed to power ratio, achieving 1
Low supply current
MHz of bandwidth and 1 V/µs slew rate with low
LMV321-N 130
μA
supply current.
LMV358-N 210
μA
The LMV321-N is available in the space saving 5-Pin
LMV324-N 410
μA
SC70, which is approximately half the size of the 5-
Pin SOT23. The small package saves space on PC
Rail-to-rail output swing @ 10 k
Ω V+− 10 mV &
boards and enables the design of small portable
V+ 65 mV
electronic devices. It also allows the designer to place
VCM Range −0.2V to V
+− 0.8V
the device closer to the signal source to reduce noise
pickup and increase signal integrity.
APPLICATIONS
The
chips
are
built
with
Texas
Instruments's
Active filters
advanced submicron silicon-gate BiCMOS process.
General purpose low voltage applications
The LMV321-N/LMV358-N/LMV324-N have bipolar
input
and
output
stages
for
improved
noise
General purpose portable devices
performance and higher output current drive.
Gain and Phase vs. Capacitive Load
Output Voltage Swing vs. Supply Voltage
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV324MXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV324MX NSC-LMV324MX Datasheet
1Mb / 27P
   General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV324MX TI1-LMV324MX Datasheet
1Mb / 30P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LMV324MX TI1-LMV324MX Datasheet
2Mb / 44P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LMV324MX TI1-LMV324MX Datasheet
2Mb / 52P
[Old version datasheet]   Operational Amplifiers
LMV324MX/NOPB TI1-LMV324MX/NOPB Datasheet
2Mb / 44P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - LMV324MXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV321 TI1-LMV321 Datasheet
1Mb / 30P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LMV324MTX-NOPB TI1-LMV324MTX-NOPB Datasheet
2Mb / 44P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LPV321 TI1-LPV321_16 Datasheet
1Mb / 30P
[Old version datasheet]   Quad General Purpose, Low Voltage, Low Power Rail-to-Rail Output Operational Amplifiers
logo
National Semiconductor ...
LPV321 NSC-LPV321_14 Datasheet
1Mb / 28P
   Quad General Purpose, Low Voltage, Low Power,Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
UTCLMV358 UTC-UTCLMV358 Datasheet
925Kb / 9P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358 UTC-LMV358_05 Datasheet
269Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
logo
Unisonic Technologies
LMV358 UTC-LMV358_09 Datasheet
459Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV324 UTC-LV324 Datasheet
184Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321 Datasheet
630Kb / 16P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
/LMV324 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com