Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UOLED-128-G1(GFX) Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # UOLED-128-G1(GFX)
Description  4DGL Platform OLED Display Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UOLED-128-G1(GFX) Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  UOLED-128-G1(GFX) Datasheet HTML 1Page - List of Unclassifed Manufacturers UOLED-128-G1(GFX) Datasheet HTML 2Page - List of Unclassifed Manufacturers UOLED-128-G1(GFX) Datasheet HTML 3Page - List of Unclassifed Manufacturers UOLED-128-G1(GFX) Datasheet HTML 4Page - List of Unclassifed Manufacturers UOLED-128-G1(GFX) Datasheet HTML 5Page - List of Unclassifed Manufacturers UOLED-128-G1(GFX) Datasheet HTML 6Page - List of Unclassifed Manufacturers UOLED-128-G1(GFX) Datasheet HTML 7Page - List of Unclassifed Manufacturers UOLED-128-G1(GFX) Datasheet HTML 8Page - List of Unclassifed Manufacturers UOLED-128-G1(GFX) Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
µOLED-128-G1(GFX)
Data Sheet
1.
Pin Configuration and Summary
CN3 Programming and Expansion Pin Outs
Pin
Symbol
I/O Description
1
VCC
I
Main Voltage Supply +ve input pin. Reverse polarity protected. Range is
4.0V to 5.5V, nominal 5.0V.
2
NC
-
Not Connected
3
TX
O
Asynchronous Serial Transmit pin. Output data is at TTL voltage levels.
Connect this pin to external device Serial Receive (Rx) signal. This pin is
tolerant up to 5.0V levels.
4
IO2
I/O General purpose IO2 pin. See section 2.2 for more detail.
5
RX
I
Asynchronous Serial Receive pin. Connect this pin to external device
Serial Transmit (Tx) signal. This pin is tolerant up to 5.0V levels.
6
IO1
I/O General purpose IO1 pin. See section 2.2 for more detail.
7
GND
P
Supply Ground.
8
GND
P
Supply Ground.
9
RESET
I
Master Reset signal. Internally pulled up to 3.3V via a 4.7K resistor. An
active Low pulse greater than 2 micro-seconds will reset the module. If
the module needs to be reset externally, only use open collector type
circuits. This pin is not driven low by any internal conditions. The host
should control this pin via one of its port pins using an open
collector/drain arrangement.
10
3.3Vout
P
3.3V regulated output. Available current up to 50mA to power external
circuitry.
I: Input, O: Output, A: Analogue, P: Power
© 2011 4D Systems
www.4dsystems.com.au
Page 4 of 18


Similar Part No. - UOLED-128-G1(GFX)

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UOLED-128-G1(SGC) ETC2-UOLED-128-G1(SGC) Datasheet
1Mb / 17P
   Serial OLED Display Module
More results

Similar Description - UOLED-128-G1(GFX)

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UOLED-160-G1(GFX) ETC2-UOLED-160-G1(GFX) Datasheet
1Mb / 17P
   4DGL Platform OLED Display Module
UOLED-96-G2(GFX) ETC2-UOLED-96-G2(GFX) Datasheet
1Mb / 17P
   4DGL Platform OLED Display Module
UOLED-96-G1(GFX) ETC2-UOLED-96-G1(GFX) Datasheet
935Kb / 17P
   4DGL Platform OLED Display Module
ULCD-144(GFX) ETC2-ULCD-144(GFX) Datasheet
1Mb / 18P
   4DGL Platform LCD Display Module
ULCD-144-G2(GFX) ETC2-ULCD-144-G2(GFX) Datasheet
1Mb / 18P
   4DGL Platform LCD Display Module
logo
Newhaven Display Intern...
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3_14 Datasheet
675Kb / 21P
   OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3 Datasheet
409Kb / 21P
   OLED Display Module
NHD-0216KZW-AB5 NEWHAVEN-NHD-0216KZW-AB5 Datasheet
568Kb / 21P
   OLED Display Module
NHD-0216KZW-AY5 NEWHAVEN-NHD-0216KZW-AY5 Datasheet
568Kb / 21P
   OLED Display Module
logo
Crystalfontz America, I...
CFAL12896A0-0127-F CRYSTAIFONTZ-CFAL12896A0-0127-F Datasheet
850Kb / 20P
   OLED DISPLAY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com