Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV612MMNOPB Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV612MMNOPB
Description  Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV612MMNOPB Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMV612MMNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMV612MMNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMV612MMNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMV612MMNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMV612MMNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMV612MMNOPB Datasheet HTML 9Page - National Semiconductor (TI) LMV612MMNOPB Datasheet HTML 10Page - National Semiconductor (TI) LMV612MMNOPB Datasheet HTML 11Page - National Semiconductor (TI) LMV612MMNOPB Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
0
1
2
3
4
5
6
SUPPLY VOLTAGE (V)
20
25
30
35
40
45
RL = 2k:
NEGATIVE SWING
POSITIVE SWING
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
OUTPUT VOLTAGE REF TO GND (V)
VS = 5V
VS = 2.7V
VS = 1.8V
0
1
2
3
4
5
6
SUPPLY VOLTAGE (V)
60
70
80
90
100
110
120
130
140
NEGATIVE SWING
POSITIVE SWING
RL = 600:
SUPPLY VOLTAGE (V)
160
140
120
100
80
60
40
20
0
0
1
2
3
4
5
6
125°C
25°C
-40°C
85°C
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
OUTPUT VOLTAGE REFERENCED TO V+ (V)
VS = 5V
VS = 1.8V
VS = 2.7V
LMV611, LMV612, LMV614
SNOSC69B – APRIL 2012 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified, VS = +5V, single supply, TA = 25°C.
Supply Current
Sourcing Current
vs.
vs.
Supply Voltage (LMV611)
Output Voltage
Figure 4.
Figure 5.
Sinking Current
Output Voltage Swing
vs.
vs.
Output Voltage
Supply Voltage
Figure 6.
Figure 7.
Output Voltage Swing
Gain and Phase
vs.
vs.
Supply Voltage
Frequency
Figure 8.
Figure 9.
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMV611 LMV612 LMV614


Similar Part No. - LMV612MMNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV612MM TI1-LMV612MM Datasheet
1,014Kb / 21P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV612MM/NOPB TI1-LMV612MM/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   LMV61x Single, Dual, and Quad, 1.4-MHz, Low-Power, General-Purpose 1.8-V Operational Amplifiers
LMV612MMX TI1-LMV612MMX Datasheet
1,014Kb / 21P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV612MMX/NOPB TI1-LMV612MMX/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   LMV61x Single, Dual, and Quad, 1.4-MHz, Low-Power, General-Purpose 1.8-V Operational Amplifiers
More results

Similar Description - LMV612MMNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV612 TI1-LMV612 Datasheet
1Mb / 28P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611 TI1-LMV611 Datasheet
1,014Kb / 21P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611 TI-LMV611_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMV611 Single/LMV612 Dual/LMV614 Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611 TI1-LMV611_16 Datasheet
1Mb / 39P
[Old version datasheet]   LMV61x Single, Dual, and Quad, 1.4-MHz, Low-Power, General-Purpose 1.8-V Operational Amplifiers
LMV602 TI1-LMV602 Datasheet
1Mb / 28P
[Old version datasheet]   MHz, Low Power General Purpose, 2.7V Operational Amplifiers
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4136J TI-RC4136J Datasheet
217Kb / 8P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4136 TI-RC4136_07 Datasheet
295Kb / 8P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
LMV601 TI1-LMV601 Datasheet
1,004Kb / 19P
[Old version datasheet]   1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
logo
STMicroelectronics
LMV321LICT STMICROELECTRONICS-LMV321LICT Datasheet
642Kb / 20P
   Low-power, general-purpose operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com