Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB836L Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OPB836L
Description  Slotted Optical Switch OPB830 and OPB840 Series (L & W)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OPB836L Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OPB836L Datasheet HTML 1Page - List of Unclassifed Manufacturers OPB836L Datasheet HTML 2Page - List of Unclassifed Manufacturers OPB836L Datasheet HTML 3Page - List of Unclassifed Manufacturers OPB836L Datasheet HTML 4Page - List of Unclassifed Manufacturers OPB836L Datasheet HTML 5Page - List of Unclassifed Manufacturers OPB836L Datasheet HTML 6Page - List of Unclassifed Manufacturers OPB836L Datasheet HTML 7Page - List of Unclassifed Manufacturers OPB836L Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.2
10/08
Page 4 of 8
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Slotted Optical Switch
OPB830 and OPB840 Series (L & W)
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode LED (See OP240 for additional information—for reference only)
VF
Forward Voltage
-
-
1.7
V
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR = 2 V
Output Transistor (See OP550 for additional information—for reference only)
V(BR)CEO
Collector-Emitter Breakdown Voltage
30
-
-
V
IC = 1 mA
V(BR)ECO
Emitter-Collector Breakdown Voltage
5
-
-
V
IE = 100 µA
ICEO
Collector-Emitter Dark Current
-
-
100
nA
VCE = 10 V
Notes:
(1)
Derate linearly 1.67 mW/° C above 25° C for L Series.
(2)
RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(3)
Methanol or isopropanol are recommended as cleaning agents. Plastic housing is soluble in chlorinated hydrocarbons and
ketones.
(4)
The W Series includes wire terminations of 24” (610 mm) 7-strand, 26 AWG UL insulated wire on each terminal. Each device
incorporates a wire strain relief at the housing surface. The insulation functions and colors are: anode (red), cathode (black),
phototransistor collector (white) and phototransistor emitter (green).
(5)
All parameters tested using pulse technique.
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage and Operating Temperature
L Series
(1)
W Series
(1)
-40° C to +85°C
-40° C to +80°C
Lead Soldering Temperature [1/16 inch (1.6mm) from the case for 5 sec. with soldering iron]
(2)
260°C
Input Diode
Forward DC Current
50 mA
Reverse DC Voltage
2 V
Power Dissipation
(1)
100 mW
Output Phototransistor
Collector-Emitter Voltage
30 V
Emitter-Collector Voltage
5 V
Power Dissipation
(1)
100 mW
Peak Forward Current (1 µs pulse width, 300 pps)
1 A
Collector DC Current
30 mA


Similar Part No. - OPB836L

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB836L OPTEK-OPB836L Datasheet
386Kb / 4P
   SLOTTED OPTICAL SWITCHES
logo
List of Unclassifed Man...
OPB836L ETC-OPB836L Datasheet
226Kb / 8P
   Slotted Optical Switch OPB830 and OPB840 Series (L & W)
logo
OPTEK Technologies
OPB836L OPTEK-OPB836L Datasheet
226Kb / 8P
   Slotted Optical Switch
More results

Similar Description - OPB836L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPB830W51Z ETC-OPB830W51Z Datasheet
226Kb / 8P
   Slotted Optical Switch OPB830 and OPB840 Series (L & W)
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB917 TTELEC-OPB917 Datasheet
828Kb / 5P
   Slotted Optical Switch
OPB960 TTELEC-OPB960 Datasheet
1Mb / 6P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
   Slotted Optical Switch
logo
TT Electronics.
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
   Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com