Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM6134BIN Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6134BIN
Description  LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6134BIN Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM6134BIN Datasheet HTML 7Page - National Semiconductor (TI) LM6134BIN Datasheet HTML 8Page - National Semiconductor (TI) LM6134BIN Datasheet HTML 9Page - National Semiconductor (TI) LM6134BIN Datasheet HTML 10Page - National Semiconductor (TI) LM6134BIN Datasheet HTML 11Page - National Semiconductor (TI) LM6134BIN Datasheet HTML 12Page - National Semiconductor (TI) LM6134BIN Datasheet HTML 13Page - National Semiconductor (TI) LM6134BIN Datasheet HTML 14Page - National Semiconductor (TI) LM6134BIN Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LM6132
www.ti.com
SNOS751D – APRIL 2000 – REVISED FEBRUARY 2013
LM6132/34 APPLICATION INFORMATION
The LM6132 brings a new level of ease of use to op amp system design.
With greater than rail-to-rail input voltage range concern over exceeding the common-mode voltage range is
eliminated.
Rail-to-rail output swing provides the maximum possible dynamic range at the output. This is particularly
important when operating on low supply voltages.
The high gain-bandwidth with low supply current opens new battery powered applications, where high power
consumption, previously reduced battery life to unacceptable levels.
To take advantage of these features, some ideas should be kept in mind.
ENHANCED SLEW RATE
Unlike most bipolar op amps, the unique phase reversal prevention/speed-up circuit in the input stage eliminates
phase reversal and allows the slew rate to be very much a function of the input signal amplitude.
Figure 32 shows how excess input signal is routed around the input collector-base junctions directly to the
current mirrors.
The LM6132/34 input stage converts the input voltage change to a current change. This current change drives
the current mirrors through the collectors of Q1–Q2, Q3–Q4 when the input levels are normal.
If the input signal exceeds the slew rate of the input stage and the differential input voltage rises above a diode
drop, the excess signal bypasses the normal input transistors, (Q1–Q4), and is routed in correct phase through
the two additional transistors, (Q5, Q6), directly into the current mirrors.
This rerouting of excess signal allows the slew-rate to increase by a factor of 10 to 1 or more. (See Figure 31).
As the overdrive increases, the op amp reacts better than a conventional op amp. Large fast pulses will raise the
slew- rate to around 25V to 30 V/
μs.
Slew Rate vs. Differential VIN
VS = ±12V
Figure 31.
This effect is most noticeable at higher supply voltages and lower gains where incoming signals are likely to be
large.
This speed-up action adds stability to the system when driving large capacitive loads.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM6132


Similar Part No. - LM6134BIN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6134BIN NSC-LM6134BIN Datasheet
361Kb / 14P
   Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
LM6134BIN/NOPB TI1-LM6134BIN/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
Cirrus Logic
LM6134BIN/NOPB APEX-LM6134BIN/NOPB Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
More results

Similar Description - LM6134BIN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6132 TI1-LM6132 Datasheet
1Mb / 27P
[Old version datasheet]   LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
National Semiconductor ...
LM6132 NSC-LM6132 Datasheet
361Kb / 14P
   Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
LM6152 NSC-LM6152 Datasheet
354Kb / 11P
   Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
LM6152 TI1-LM6152 Datasheet
1Mb / 23P
[Old version datasheet]   LM6152/LM6154 Dual and Quad 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com