Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6462AIMX Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6462AIMX
Description  LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6462AIMX Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMC6462AIMX Datasheet HTML 6Page - National Semiconductor (TI) LMC6462AIMX Datasheet HTML 7Page - National Semiconductor (TI) LMC6462AIMX Datasheet HTML 8Page - National Semiconductor (TI) LMC6462AIMX Datasheet HTML 9Page - National Semiconductor (TI) LMC6462AIMX Datasheet HTML 10Page - National Semiconductor (TI) LMC6462AIMX Datasheet HTML 11Page - National Semiconductor (TI) LMC6462AIMX Datasheet HTML 12Page - National Semiconductor (TI) LMC6462AIMX Datasheet HTML 13Page - National Semiconductor (TI) LMC6462AIMX Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LMC6462, LMC6464
SNOS725D – MAY 1999 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
VS = +5V, Single Supply, TA = 25°C unless otherwise specified
Inverting Large Signal Pulse Response
Inverting Large Signal Pulse Response
Figure 28.
Figure 29.
Inverting Small Signal Pulse Response
Inverting Small Signal Pulse Response
Figure 30.
Figure 31.
Inverting Small Signal Pulse Response
Figure 32.
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMC6462 LMC6464


Similar Part No. - LMC6462AIMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6462AIMX NSC-LMC6462AIMX Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Texas Instruments
LMC6462AIMX/NOPB TI1-LMC6462AIMX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
More results

Similar Description - LMC6462AIMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6462 TI1-LMC6462 Datasheet
1Mb / 31P
[Old version datasheet]   LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Linear Technology
LTC6079 LINER-LTC6079_15 Datasheet
341Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
LTC6078 LINER-LTC6078_15 Datasheet
341Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
logo
Texas Instruments
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
[Old version datasheet]   Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Linear Technology
LTC6078 LINER-LTC6078 Datasheet
331Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
LT1490 LINER-LT1490 Datasheet
312Kb / 12P
   Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps
logo
National Semiconductor ...
LMC6464QML NSC-LMC6464QML Datasheet
1Mb / 23P
   LMC6464QML Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Linear Technology
LT1490 LINER-LT1490_15 Datasheet
223Kb / 12P
   Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps
LT1491 LINER-LT1491_15 Datasheet
223Kb / 12P
   Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L Datasheet
274Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com