Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6062 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6062
Description  LMC6062 Precision CMOS Dual Micropower Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6062 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMC6062_14 Datasheet HTML 4Page - National Semiconductor (TI) LMC6062_14 Datasheet HTML 5Page - National Semiconductor (TI) LMC6062_14 Datasheet HTML 6Page - National Semiconductor (TI) LMC6062_14 Datasheet HTML 7Page - National Semiconductor (TI) LMC6062_14 Datasheet HTML 8Page - National Semiconductor (TI) LMC6062_14 Datasheet HTML 9Page - National Semiconductor (TI) LMC6062_14 Datasheet HTML 10Page - National Semiconductor (TI) LMC6062_14 Datasheet HTML 11Page - National Semiconductor (TI) LMC6062_14 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
LMC6062
SNOS631D – NOVEMBER 1994 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
VS = ±7.5V, TA = 25°C, Unless otherwise specified
Crosstalk Rejection
vs.
Non-Inverting Large Signal Pulse Response
Frequency
Figure 20.
Figure 21.
Stability
Stability
vs
vs.
Capacitive Load, RL = 20 kΩ
Capacitive Load RL = 1 MΩ
Figure 22.
Figure 23.
8
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LMC6062


Similar Part No. - LMC6062_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6062-MIL TI1-LMC6062-MIL Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6062AIM NSC-LMC6062AIM Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6062AIM TI-LMC6062AIM Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062AIM TI1-LMC6062AIM Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062AIM TI1-LMC6062AIM Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
More results

Similar Description - LMC6062_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6062IMNOPB TI1-LMC6062IMNOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062IM-NOPB TI1-LMC6062IM-NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062 TI1-LMC6062 Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062AIMX TI-LMC6062AIMX Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2736A ALD-ALD2736A Datasheet
92Kb / 9P
   PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. B
AD8500 AD-AD8500 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com